Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD300600Y1K Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # BSPD300600Y1K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD300600Y1K Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  BSPD300600Y1K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD300600Y1K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Technical Data 10209
Effective December 2015
Dimensions - in (mm) and weights
Figure 1. NEMA 1, 120kA-200kA Units,
Weight = 6.8 Lbs (3.1 kg)
Figure 2. NEMA 1, 300kA-400kA Units,
Weight = 13.5 Lbs (6.1 kg)
Eaton.com/bussmannseries
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
3.48
(88.4)
4.41
(112.0)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.68
(17.3)
7.28
(184.9)
5.27
(133.9)
1.00
(25.4)
11.25
(285.8)
7.47
(189.7)
0.40
(10.2)
12.05
(306.1)
5.24
(133.1)
0.78
(19.8)
2.00
(50.8)
5.76
(146.3)
6.69
(169.9)
0.40
(10.2)
7.47
(189.7)
Ø0.20
(Ø5.1)
10.48
(266.2)
0.67
(17.0)
5.47
(138.9)
1.00
(25.4)
11.25
(285.8)
Figure 3. NEMA 4X, 120kA-400kA Units,
Weight = 120-200kA; 14.6 Lbs (6.6 kg),
250-400kA; 21.0 Lbs (9.5 kg)
A
B
120-200kA
2.60 (66.0)
5.39 (137.0)
250-400kA
4.10 (104.1)
7.68 (195.0)
Feature
Configuration
Basic
(Type 1)
Standard
(Type 2)
Standard
with
surge counter
(Type 2)
Surge protection using
thermally protected MOV
technology
X
X
X
Green and red LED
protection status
indicators for each phase
X
X
X
Green and red LED
protection status
indicators for the Neutral-
to-Ground protection
mode (Wye systems only)
X
X
X
Audible alarm with silence
button
X
X
Form C relay contact
X
X
EMI/RFI filtering,
providing up to 50dB of
noise attenuation from
10kHz to 100MHz
X
X
Surge counter with reset
button held in nonvolatile
memory
X
Enhanced protection status indicators
Unlike many SPDs that only have single-color indicators, all
BSPD units include green and red Light Emitting Diodes (LEDs)
that indicate the true protection status for each phase.
If power is removed from any one phase, the unit’s LEDs
continue to indicate the protection status on that phase —
regardless if power is applied to the phase. This feature ensures
proper indication.
Although many SPDs on the market have N-G surge protection,
they do not always have a means of monitoring and indicating
the protection status of that mode. All BSPD units for Wye
systems also contain green and red LED surge protection status
indicators for the Neutral-to-Ground (N-G) connection. Like the
phase protection status LEDs, the N-G protection status LEDs
show the true protection status in the N-G mode.
By specifying the BSPD, users are supplied with accurate
information concerning the surge protection status of their
electrical systems.
Configurations
The BSPD provides users with three configurations. These are:
Basic (UL Type 1 - can be installed in UL Type 2 locations)
Standard (UL Type 2)
Standard with surge counter (UL Type 2)
The proper configuration can be selected based on application
requirements or specification.
Table 1. configuration comparisons


Similar Part No. - BSPD300600Y1K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD300600Y1K EATON-BSPD300600Y1K Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD300600Y1K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
logo
STMicroelectronics
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com