Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD80R280P7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD80R280P7
Description  800V CoolMOS짧 P7 Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD80R280P7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD80R280P7 Datasheet HTML 1Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 2Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 3Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 4Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 5Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 6Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 7Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 8Page - Infineon Technologies AG IPD80R280P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
IPD80R280P7
Rev.2.0,2016-07-05
Final Data Sheet
tab
1
2
3
DPAK
Drain
Pin 2, Tab
Gate
Pin 1
Source
Pin 3
MOSFET
800VCoolMOSªP7PowerTransistor
Thelatest800VCoolMOS™P7seriessetsanewbenchmarkin800V
superjunctiontechnologiesandcombinesbest-in-classperformancewith
stateoftheartease-of-use,resultingfromInfineon’sover18years
pioneeringsuperjunctiontechnologyinnovation.
Features
•Best-in-classFOMRDS(on)*Eoss;reducedQg,Ciss,andCoss
•Best-in-classDPAKRDS(on)
•Best-in-classV(GS)thof3VandsmallestV(GS)thvariationof±0.5V
•IntegratedZenerDiodeESDprotection
•Best-in-classCoolMOS™qualityandreliability;qualifiedforindustrial
gradeapplicationsaccordingtoJEDEC(J-STD20andJESD22)
•Fullyoptimizedportfolio
Benefits
•Best-in-classperformance
•Enablinghigherpowerdensitydesigns,BOMsavingsandlower
assemblycosts
•Easytodriveandtoparallel
•BetterproductionyieldbyreducingESDrelatedfailures
•Lessproductionissuesandreducedfieldreturns
•Easytoselectrightpartsforfinetuningofdesigns
Applications
RecommendedforhardandsoftswitchingflybacktopologiesforLED
Lighting,lowpowerChargersandAdapters,Audio,AUXpowerand
Industrialpower.AlsosuitableforPFCstageinConsumerapplications
andSolar.
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseperatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj=25°C
800
V
RDS(on),max
0.28
Qg,typ
36
nC
ID
17
A
Eoss @ 500V
4
µJ
VGS(th),typ
3
V
ESD class (HBM)
2
-
Type/OrderingCode
Package
Marking
RelatedLinks
IPD80R280P7
PG-TO 252
80R280P7
see Appendix A


Similar Part No. - IPD80R280P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD80R2K0P7 INFINEON-IPD80R2K0P7 Datasheet
970Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
logo
Inchange Semiconductor ...
IPD80R2K0P7 ISC-IPD80R2K0P7 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD80R2K4P7 INFINEON-IPD80R2K4P7 Datasheet
966Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPD80R2K7C3A INFINEON-IPD80R2K7C3A Datasheet
516Kb / 10P
   CoolMOSTM Power Transistor
Final Data Sheet, Rev. 1.1 2013-11-21
IPD80R2K8CE INFINEON-IPD80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
More results

Similar Description - IPD80R280P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPS80R1K2P7 INFINEON-IPS80R1K2P7 Datasheet
968Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPS80R900P7 INFINEON-IPS80R900P7 Datasheet
958Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R4K5P7 INFINEON-IPN80R4K5P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
IPN80R1K4P7 INFINEON-IPN80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPN80R900P7 INFINEON-IPN80R900P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-09
IPW80R360P7 INFINEON-IPW80R360P7 Datasheet
956Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-12
IPU80R1K4P7 INFINEON-IPU80R1K4P7 Datasheet
1Mb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R450P7 INFINEON-IPP80R450P7 Datasheet
974Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPP80R280P7 INFINEON-IPP80R280P7 Datasheet
973Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.0,2016-07-05
IPAN80R360P7 INFINEON-IPAN80R360P7 Datasheet
971Kb / 13P
   800V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-02-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com