Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD200480D1K Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # BSPD200480D1K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200480D1K Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  BSPD200480D1K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200480D1K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Technical Data 10209
Effective December 2015
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Introduction
The BSPD surge protective devices are tested by Underwriters
Laboratory and Listed to UL® 1449, 3rd Edition to help ensure
equipment is protected with highly reliable surge protection
technology. Delta and Wye system units are available in three
configurations to increase application flexibility. The BSPD
Series is for installation external to an electrical enclosure or
panelboard. Application of BSPD Series units throughout a
facility will help ensure that equipment is protected.
Applications
BSPD units are available for common Delta and Wye system
voltages in a variety of surge current capacity ratings from
120kA to 400kA. Available in three configurations, the BSPD
Series’ features and options make it easy to specify units
for many electrical applications including service entrances,
distribution switchboards, panelboards and point-of-use. All
possible combinations of product attributes are available for
ordering in the catalog number system (see page 7).
Features
BSPD uses Bussmann series SurgePOD™ thermally
protected Metal Oxide Varistor (MOV) technology to safely
shunt overvoltages to ground while its thermal disconnect
capability eliminates the need for additional fusing
200kA SCCR meets the highest NEC® requirements
Models available to meet the overvoltage protection needs
of Wye and Delta electrical systems from 208 to 600 volts,
3-phase
BSPD has the highest nominal discharge current (I
n) of 20kA
per UL 1449 3rd Edition. This rating indicates the SPD’s ability
to handle a number of large-magnitude surges over a short
period of time and remain operational.
120kA to 400kA surge current capacity (I
max) ratings meet
the needs of larger switchgear and power distribution panel
applications
Optional Form C contact relay, EMI/RFI filtering and surge
counter available to meet additional system requirements.
200kA Short-Circuit Current Rating (SCCR)
NEMA 1 or NEMA 4X enclosures
RoHS compliant
10 year warranty
Agency information
Basic, standard and standard withsurge counter
configurations UL Listed, 1449 3rd Edition, File E316410,
Guide VZCA, CSA® Certified, Notice 516, File 243397
Standard and standard with surge counter configurations are
also UL Recognized, 1283 5th Edition, File E316410, Guide
VZCA2, CSA component acceptance, Std. C22.2, No. 8-M1986,
File 243397
BSPD unit mounted externally to a Bussmann series
Quik-Spec™ Coordination Panelboard
Eaton.com/bussmannseries
Factory sealed to improve electrical safety
All BSPD units are factory-sealed to eliminate arc flash and
shock hazards, as the user/installer has no chance of coming
into contact with energized parts. The units also contain no
user-serviceable parts or wire lugs that require periodic
retightening to eliminate the need for periodic maintenance.
Bussmann series SurgePOD technology eliminates the need
for additional fusing
BSPD uses Bussmann series SurgePOD modules that each
contain an internal element that safely disconnects upon
reaching an overvoltage breakdown condition.
Prewired
All BSPD units are factory wired for ease of installation. Simply
install any necessary conduit runs, mount the unit and make all
wire connections. No need for internal wiring or access to the
unit’s inside.
Compact size takes less space
Available in enclosures that are up to 50% smaller than other
products with comparable ratings the BSPD Series come in
NEMA® 1 and 4X enclosures that differ in size according to their
surge current capacity (I
max).
NEMA 1 BSPD units.
The 120-200kA surge current capacity units are housed in a 74
square-inch enclosure that is only 3-1/2 inches deep.
The 300-400kA surge current capacity units are housed in a
74 square-inch enclosure that is only 6 inches deep.
NEMA 4X BSPD units.
The 120-200kA surge current capacity units are housed in a
108 square-inch enclosure that is only 5-3/8 inches deep.
The 300-400kA surge current capacity units are housed in a
108 square-inch enclosure that is only 7-11/16 inches deep.


Similar Part No. - BSPD200480D1K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD200480D1K EATON-BSPD200480D1K Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD200480D1K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
logo
STMicroelectronics
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com