Electronic Components Datasheet Search |
|
BSPD120600D1K Datasheet(PDF) 3 Page - Cooper Bussmann, Inc. |
|
BSPD120600D1K Datasheet(HTML) 3 Page - Cooper Bussmann, Inc. |
3 / 7 page 3 BSPD SPDs for overvoltage protection on switchgear and power distribution panels Technical Data 10209 Effective December 2015 Dimensions - in (mm) and weights Figure 1. NEMA 1, 120kA-200kA Units, Weight = 6.8 Lbs (3.1 kg) Figure 2. NEMA 1, 300kA-400kA Units, Weight = 13.5 Lbs (6.1 kg) Eaton.com/bussmannseries 12.05 (306.1) 5.24 (133.1) 0.78 (19.8) 2.00 (50.8) 3.48 (88.4) 4.41 (112.0) Ø0.20 (Ø5.1) 10.48 (266.2) 0.68 (17.3) 7.28 (184.9) 5.27 (133.9) 1.00 (25.4) 11.25 (285.8) 7.47 (189.7) 0.40 (10.2) 12.05 (306.1) 5.24 (133.1) 0.78 (19.8) 2.00 (50.8) 5.76 (146.3) 6.69 (169.9) 0.40 (10.2) 7.47 (189.7) Ø0.20 (Ø5.1) 10.48 (266.2) 0.67 (17.0) 5.47 (138.9) 1.00 (25.4) 11.25 (285.8) Figure 3. NEMA 4X, 120kA-400kA Units, Weight = 120-200kA; 14.6 Lbs (6.6 kg), 250-400kA; 21.0 Lbs (9.5 kg) A B 120-200kA 2.60 (66.0) 5.39 (137.0) 250-400kA 4.10 (104.1) 7.68 (195.0) Feature Configuration Basic (Type 1) Standard (Type 2) Standard with surge counter (Type 2) Surge protection using thermally protected MOV technology X X X Green and red LED protection status indicators for each phase X X X Green and red LED protection status indicators for the Neutral- to-Ground protection mode (Wye systems only) X X X Audible alarm with silence button X X Form C relay contact X X EMI/RFI filtering, providing up to 50dB of noise attenuation from 10kHz to 100MHz X X Surge counter with reset button held in nonvolatile memory X Enhanced protection status indicators Unlike many SPDs that only have single-color indicators, all BSPD units include green and red Light Emitting Diodes (LEDs) that indicate the true protection status for each phase. If power is removed from any one phase, the unit’s LEDs continue to indicate the protection status on that phase — regardless if power is applied to the phase. This feature ensures proper indication. Although many SPDs on the market have N-G surge protection, they do not always have a means of monitoring and indicating the protection status of that mode. All BSPD units for Wye systems also contain green and red LED surge protection status indicators for the Neutral-to-Ground (N-G) connection. Like the phase protection status LEDs, the N-G protection status LEDs show the true protection status in the N-G mode. By specifying the BSPD, users are supplied with accurate information concerning the surge protection status of their electrical systems. Configurations The BSPD provides users with three configurations. These are: • Basic (UL Type 1 - can be installed in UL Type 2 locations) • Standard (UL Type 2) • Standard with surge counter (UL Type 2) The proper configuration can be selected based on application requirements or specification. Table 1. configuration comparisons |
Similar Part No. - BSPD120600D1K |
|
Similar Description - BSPD120600D1K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |