Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD200600Y2K Datasheet(PDF) 5 Page - Cooper Bussmann, Inc.

Part # BSPD200600Y2K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD200600Y2K Datasheet(HTML) 5 Page - Cooper Bussmann, Inc.

  BSPD200600Y2K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD200600Y2K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Technical Data 10209
Effective December 2015
Table 8 120–200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2000
2500
600D
2500
2500
Table 9. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500
Table 10. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
800
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500
Table 11. 120–200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
900
900
700
1500
480Y
1200
1200
1000
2500
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2500
2500
600D
2500
2500
Table 12. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
800
900
700
1500
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2000
2000
600D
2500
2500
Table 13. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
800
900
700
1500
480Y
1200
1200
1000
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2000
2000
600D
2500
2500
NEMA 4X: Basic
(cat. nos ending with 1P)
NEMA 4X: Standard or Standard w/ Surge Counter
(cat. nos. ending with 2P or 3P)
Eaton.com/bussmannseries


Similar Part No. - BSPD200600Y2K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD200600Y2K EATON-BSPD200600Y2K Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD200600Y2K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
logo
STMicroelectronics
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com