Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW40N60DTP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IKW40N60DTP
Description  600V DuoPack IGBT and diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW40N60DTP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IKW40N60DTP Datasheet HTML 5Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 6Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 7Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 8Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 9Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 10Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 11Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 12Page - Infineon Technologies AG IKW40N60DTP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
IKW40N60DTP
TRENCHSTOPTMP
erformanceSeries
Rev.2.1,2016-02-08
Figure 9.
Typicalswitchingtimesasafunctionofgate
resistor
(ind.load,Tj=175°C,VCE=400V,VGE=15/0V,
IC=40A,testcircuitinFig.E)
rG,GATERESISTOR[
Ω]
0
5
10
15
20
25
30
35
40
45
10
100
1000
td(off)
tf
td(on)
tr
Figure 10.
Typicalswitchingtimesasafunctionof
junctiontemperature
(ind.load,VCE=400V,VGE=15/0V,IC=40A,
rG=10,1
Ω,testcircuitinFig.E)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
10
100
td(off)
tf
td(on)
tr
Figure 11.
Gate-emitterthresholdvoltageasafunction
ofjunctiontemperature
(IC=0,64mA)
Tj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
0.0
1.0
2.0
3.0
4.0
5.0
6.0
typ.
min.
max.
Figure 12.
Typicalswitchingenergylossesasa
functionofcollectorcurrent
(ind.load,Tj=175°C,VCE=400V,VGE=15/0V,
rG=10,1
Ω,testcircuitinFig.E)
IC,COLLECTORCURRENT[A]
0
10
20
30
40
50
60
70
80
0
1
2
3
4
5
6
7
8
Eoff
Eon
Ets


Similar Part No. - IKW40N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N60H3 INFINEON-IKW40N60H3 Datasheet
2Mb / 16P
   High speed switching series third generation
Rev.2.4,2014-03-12
More results

Similar Description - IKW40N60DTP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW30N60DTP INFINEON-IKW30N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode
Rev.2.1,2016-02-08
IKW50N60DTP INFINEON-IKW50N60DTP Datasheet
1Mb / 16P
   600V DuoPack IGBT and diode TRENCHSTOPTM Performance series
Rev.2.1,2016-02-08
IGW40N60DTP INFINEON-IGW40N60DTP Datasheet
1Mb / 14P
   600V DuoPack IGBT TRENCHSTOPTM Performance series
Rev.2.1,2016-02-05
IKZ50N65EH5 INFINEON-IKZ50N65EH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKZ50N65NH5 INFINEON-IKZ50N65NH5 Datasheet
2Mb / 16P
   650V DuoPack IGBT and diode High speed series fifth generation
Rev.2.1,2014-10-31
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com