Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSPD400600D3K Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # BSPD400600D3K
Description  High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

BSPD400600D3K Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  BSPD400600D3K Datasheet HTML 1Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 2Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 3Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 4Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 5Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 6Page - Cooper Bussmann, Inc. BSPD400600D3K Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Technical Data 10209
Effective December 2015
BSPD SPDs for overvoltage protection on
switchgear and power distribution panels
Voltage protection ratings
ANSI/UL 1449 3rd Edition voltage protection ratings
Voltage Protection Rating (V
PR) data for all units is included
in the following tables, The data varies based upon the
configuration and NEMA enclosure. V
PR values for the Basic
configurations are on the left-hand side of the page. Tables
on the right-hand side contain VPR values for the
Standard or
Standard with Surge Counter configurations.
Eaton.com/bussmannseries
Table 5. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
800
600
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2500
2500
600D
2500
2500
Table 6. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500
Table 7. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
600
700
600
1000
480Y
1000
1200
1000
1800
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500
NEMA 1: Basic
(cat. nos. ending with 1K)
NEMA 1: Standard or Standard w/ Surge Counter
(cat. nos. ending with 2K or 3K)
Table 2. 120-200kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1200
480Y
1200
1200
1200
2000
600Y
1500
1500
1500
2500
240D
1000
1000
480D
2000
2500
600D
2500
2500
Table 3. 300kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500
Table 4. 400kA
Voltage/
system
code
Protection mode
L-N
L-G
N-G
L-L
208Y
700
700
700
1000
480Y
1200
1200
1200
1800
600Y
1500
1500
1500
2500
240D
1000
1000
480D
1800
2000
600D
2500
2500


Similar Part No. - BSPD400600D3K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD400600D3K EATON-BSPD400600D3K Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
More results

Similar Description - BSPD400600D3K

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
   High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
TDK Electronics
CXA-P10A-P TDK-CXA-P10A-P Datasheet
46Kb / 4P
   On-board type, Non-dimming, 9W, For 1 and 2 bulbs
CXAM10A TDK-CXAM10A Datasheet
50Kb / 4P
   On-board type, Non-dimming, 6W, For 1 and 2 bulbs
CXA-M14L-P TDK-CXA-M14L-P Datasheet
43Kb / 2P
   On-board type, Non-dimming, 8.4W, For 1 and 2 bulbs
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI1-TMUX1072_18 Datasheet
993Kb / 26P
[Old version datasheet]   2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Littelfuse
SP721 LITTELFUSE-SP721 Datasheet
97Kb / 6P
   Electronic Protection Array for ESD and Overvoltage Protection
logo
Fujitsu Component Limit...
FTR-K3-PV FUJITSU-FTR-K3-PV Datasheet
419Kb / 7P
   POWER RELAY 1 POLE - High Capacity 32A Type
logo
STMicroelectronics
TPP25011 STMICROELECTRONICS-TPP25011 Datasheet
55Kb / 7P
   OVERVOLTAGE and OVERCURRENT PROTECTION for TELECOM LINE
LCP3121 STMICROELECTRONICS-LCP3121 Datasheet
70Kb / 6P
   OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com