Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF204 Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # UF204
Description  2.0AMPS. SILICON ULTRA FAST RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

UF204 Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  UF204 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 209 -
UF201 THRU UF207
2.0AMPS. SILICON ULTRA FAST RECTIFIERS
FEATURE
.
Low leakage
.
Low forward voltage drop
.
High current capability
.
High surge capability
.
High reliability
.
High temperature soldering guaranteed
260°C /10sec / 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
UF
201
UF
202
UF
203
UF
204
UF
205
UF
206
UF
207
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
60
A
Maximum Instantaneous forward Voltage at
2.0A DC
VF
1.0
1.7
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
CJ
50
30
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - UF204

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF204 PANJIT-UF204 Datasheet
66Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Chongqing Pingwei Enter...
UF204 CHONGQING-UF204 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Transys Electronics
UF204 TRSYS-UF204 Datasheet
153Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF204 DGNJDZ-UF204 Datasheet
110Kb / 2P
   2.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Pan Jit International I...
UF204 PANJIT-UF204 Datasheet
35Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER
More results

Similar Description - UF204

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
UF201 CHONGQING-UF201_16 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
UF201G CHONGQING-UF201G Datasheet
193Kb / 1P
   2.0AMPS. GLASS PASSIVATED ULTRA FAST RECTIFIERS
RL201 CHONGQING-RL201_16 Datasheet
177Kb / 1P
   2.0AMPS . SILICON RECTIFIERS
BY296 CHONGQING-BY296_16 Datasheet
178Kb / 1P
   2.0AMPS . FAST RECOVERY RECTIFIERS
FR201 CHONGQING-FR201_16 Datasheet
178Kb / 1P
   2.0AMPS . FAST RECOVERY RECTIFIERS
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
   2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A_13 Datasheet
436Kb / 4P
   2.0AMPS. Surface Mount Super Fast Rectifiers
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
   2.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES2A-ES2K JUXING-ES2A-ES2K Datasheet
1Mb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES2AA TSC-ES2AA_11 Datasheet
196Kb / 2P
   2.0AMPS Surface Mount Super Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com