Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCA810AIDR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # VCA810AIDR
Description  High Gain Adjust Range, Wideband, Voltage-Controlled Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA810AIDR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  VCA810AIDR Datasheet HTML 1Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 2Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 3Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 4Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 5Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 6Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 7Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 8Page - Burr-Brown (TI) VCA810AIDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
VCA810
SBOS275C − JUNE 2003 − REVISED OCTOBER 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +5V (continued)
Boldface limits are tested at +25
5C.
RL = 500Ω, and VIN = single-ended input on V+ with V− at ground, unless otherwise noted.
VCA810ID
MIN/MAX OVER TEMPERATURE
TYP
PARAMETER
TEST
LEVELS(3)
MIN/
MAX
UNITS
−40
°C to
+85
°C(2)
+0
°C to
+70
°C(2)
+25
°C(1)
+25
°C
CONDITIONS
Gain Control Slew Rate
80dB Gain Step
900
dB/ns
typ
C
Gain Settling Time
1%, 80dB Step
0.8
µs
typ
C
Input Bias Current
VC = −1V
−1.5
−3.5
−4.5
−8
µA
max
A
Gain + Power-Supply Rejection Ratio
VC = −2V, G = +40dB, +VS = 5V ±0.5V
0.5
1.5
1.8
2
dB/V
max
A
Gain − Power-Supply Rejection Ratio
VC = −2V, G = +40dB, −VS = 5V ±0.5V
0.7
1.5
1.8
2
dB/V
max
A
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Minimum Operating Voltage
+4
±4
±4
V
min
A
Maximum Operating Voltage
+6
±6
±6
V
max
A
Positive Supply Quiescent Current
Maximum Quiescent Current
+VS = +5V, G = −40dB
10
12.5
12.6
12.7
mA
min
A
Minimum Quiescent Current
+VS = +5V, G = −40dB
10
7.5
7.2
7.1
mA
max
A
Maximum Quiescent Current
+VS = +5V, G = +40dB
18
20.5
22
22.3
mA
min
A
Minimum Quiescent Current
+VS = +5V, G = +40dB
18
15.5
14.5
13.5
mA
max
A
Negative Supply Quiescent Current(7)
Maximum Quiescent Current
−VS = −5V, G = −40dB
12
14.5
14.6
14.7
mA
max
A
Minimum Quiescent Current
−VS = −5V, G = −40dB
12
9.5
9.4
9.3
mA
min
A
Maximum Quiescent Current
−VS = −5V, G = +40dB
20
22.5
24.5
24.8
mA
max
A
Minimum Quiescent Current
−VS = −5V, G = +40dB
20
17.5
16.5
16
mA
min
A
Positive Power-Supply Rejection Ratio
Input Referred, VC = −2V
90
75
75
73
dB
min
A
Negative Power-Supply Rejection Ratio
Input Referred, VC = −2V
85
70
70
68
dB
min
A
THERMAL CHARACTERISTICS
Specification Operating Range:
ID Package
−40 to +85
°C
typ
C
Thermal Resistance
Junction-to-Ambient
D SO−8
125
°C/W
typ
C
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +30°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.
(4) Total output offset is: Output Offset Voltage ± Input Offset Voltage x Gain.
(5) Maximum input at minimum gain for < 1dB gain compression.
(6) Maximum deviation from best line fit.
(7) Magnitude.
HIGH GRADE DC SPECIFICATIONS: VS = +5V (VCA810AID)
Boldface limits are tested at +25
5C.
RL = 500Ω, and VIN = single-ended input on V+ with V− at ground, unless otherwise noted.
VCA810AID
TYP
MIN/MAX OVER TEMPERATURE
PARAMETER
CONDITIONS
+25
°C +25°C(1)
+0
°C to
+70
°C(2)
−40
°C to
+85
°C(2) UNITS
MIN/
MAX
TEST
LEVELS(3)
DC PERFORMANCE
Single-Ended or Differential Input
Output Offset Voltage
−2V < VC < 0
±4
+14
±24
±26
mV
max
A
Input Offset Voltage
±0.1
+0.2
±0.25
±0.3
mV
max
A
Input Offset Current
±100
+500
±600
±700
mA
max
A
GAIN CONTROL (VC, Pin 3)
Single-Ended or Differential Input
Gain Accuracy
−1.8V
≤ VC ≤ −0.2V
±0.4
+0.9
±1.9
±2.9
dB
max
A
VC < −1.8V, VC > −0.2V
±0.5
+1.5
±3.0
±4.0
dB
max
A
Gain Control Linearity(4)
−1.8V
≤ VC ≤ 0V
±0.3
+0.6
±0.7
±0.8
dB
max
A
VC < −1.8V
±0.7
+1.1
±1.9
±2.7
dB
max
A
(1) Junction temperature = ambient for +25°C specifications.
(2) Junction temperature = ambient at low temperature limit; junction temperature = ambient +30°C at high temperature limit for over temperature specifications.
(3) Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.
(4) Maximum deviation from best line fit.
(5) Magnitude.


Similar Part No. - VCA810AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810AIDR TI1-VCA810AIDR Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810AIDR TI1-VCA810AIDR Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
More results

Similar Description - VCA810AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA810 TI1-VCA810_16 Datasheet
1Mb / 40P
[Old version datasheet]   VCA810 High Gain Adjust Range, Wideband and Variable Gain Amplifier
VCA820IDGSR TI-VCA820IDGSR Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA820IDGSRG4 TI-VCA820IDGSRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Wideband, > 40dB Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA822 TI-VCA822 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA821 TI1-VCA821_12 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA821IDGSRG4 TI1-VCA821IDGSRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA824 TI-VCA824_08 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA824 TI1-VCA824_17 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
VCA824 TI1-VCA824_16 Datasheet
2Mb / 41P
[Old version datasheet]   Ultra-Wideband, > 40-dB Gain Adjust Range, Linear in V/V Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com