Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M193AH Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # M193AH
Description  Low Power Low Offset Voltage Dual Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

M193AH Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button M193AH Datasheet HTML 5Page - National Semiconductor (TI) M193AH Datasheet HTML 6Page - National Semiconductor (TI) M193AH Datasheet HTML 7Page - National Semiconductor (TI) M193AH Datasheet HTML 8Page - National Semiconductor (TI) M193AH Datasheet HTML 9Page - National Semiconductor (TI) M193AH Datasheet HTML 10Page - National Semiconductor (TI) M193AH Datasheet HTML 11Page - National Semiconductor (TI) M193AH Datasheet HTML 12Page - National Semiconductor (TI) M193AH Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Typical Applications (V+=5.0 V
DC) (Continued)
Two-Decade High Frequency VCO
00570941
V* = +30 VDC
+250 mVDC ≤ VC ≤ +50 VDC
700Hz
≤ fo ≤ 100kHz
Basic Comparator
Non-Inverting Comparator with Hysteresis
00570906
00570909
Inverting Comparator with Hysteresis
Output Strobing
00570910
00570911
www.national.com
9


Similar Part No. - M193AH

ManufacturerPart #DatasheetDescription
logo
Chi Mei Corporation.
M190A1-L07 CHIMEI-M190A1-L07 Datasheet
687Kb / 25P
   TFT LCD Approval Specification
logo
AU Optronics Corp.,
M190EG01 AUO-M190EG01 Datasheet
355Kb / 31P
   19.0inch SXGA Color TFT-LCD
M190EG01V0 AUO-M190EG01V0 Datasheet
355Kb / 31P
   19.0inch SXGA Color TFT-LCD
M190EN04 AUO-M190EN04 Datasheet
350Kb / 31P
   19.0 SXGA Color TFT-LCD Module
M190EN04V.2 AUO-M190EN04V.2 Datasheet
350Kb / 31P
   19.0 SXGA Color TFT-LCD Module
More results

Similar Description - M193AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com