Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VQ1001P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VQ1001P
Description  Quad N-Channel 30-V (D-S) MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ1001P Datasheet(HTML) 3 Page - Vishay Siliconix

  VQ1001P Datasheet HTML 1Page - Vishay Siliconix VQ1001P Datasheet HTML 2Page - Vishay Siliconix VQ1001P Datasheet HTML 3Page - Vishay Siliconix VQ1001P Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VQ1001J/P
Vishay Siliconix
Document Number: 70219
S-04279—Rev. D, 16-Jul-01
www.vishay.com
11-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Ohmic Region Characteristics
Output Characteristics for Low Gate Drive
On-Resistance vs. Drain Current
Normalized On-Resistance
vs. Junction Temperature
Transfer Characteristics
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-Source Voltage (V)
VGS – Gate-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
TJ – Junction Temperature (
_C)
2.0
0123
4
5
1.6
1.2
0.8
0.4
0
6 V
5 V
4 V
3 V
2 V
7 V
200
0
0.4
0.8
1.2
1.6
2.0
160
120
80
40
0
1.7 V
2.1 V
2.3 V
2.5 V
2.7 V
2.9 V
500
400
300
0
01
5
200
100
23
4
–55
_C
25
_C
TJ = 125_C
2.5
2.0
1.5
0
0
1.0
1.0
0.5
2.0
3.0
0
4
8
12
16
20
3
2
0
1
2.25
2.00
1.75
0.50
–50
–10
150
1.50
1.25
30
70
110
1.00
0.75
0.1 A
VGS = 10 V
VGS = 10 V
VDS = 15 V
ID = 0.2 A
1.0 A
0.5 A
VGS = 4.5 V
6 V
10 V
ID = 0.5 A
VGS = 10 V
0.5
1.5
2.5


Similar Part No. - VQ1001P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VQ1001P VISHAY-VQ1001P Datasheet
51Kb / 5P
   Quad N-Channel 30-V (D-S) MOSFETs
18-Jul-08
More results

Similar Description - VQ1001P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VQ1001J VISHAY-VQ1001J_V01 Datasheet
51Kb / 5P
   Quad N-Channel 30-V (D-S) MOSFETs
18-Jul-08
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
SIS476DN VISHAY-SIS476DN_V01 Datasheet
569Kb / 12P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT_V01 Datasheet
216Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ704DT VISHAY-SIZ704DT Datasheet
160Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 28-Sep-09
logo
Vishay Telefunken
SIZ730DT TFUNK-SIZ730DT Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com