Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8122 Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC8122
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122 Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8122 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
VSC8122
Multi-Rate SONET/SDH
Clock and Data Recovery IC
VITESSE
SEMICONDUCTOR CORPORATION
Page 4
G52228-0, Rev 4.1
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Two sets of reference frequencies for the VSC8122 are shown in Table 2. SONET reference clock frequen-
cies are as indicated, with Gigabit Ethernet frequencies listed in parenthesis. The two different sets of reference
clocks are needed since the reference clock for SONET and Gigabit Ethernet applications will be slightly differ-
ent. Internally, the VSC8122 requires a 19.44MHz reference (or 19.53MHz reference for Gigabit Ethernet). The
customer can select to provide either the 19.44MHz reference (or 19.53MHz reference for Gigabit Ethernet), or
the 2x, 4x or 8x of that reference at 38.88MHz (39.06MHz), 77.76MHz (78.13MHz) or 155MHz (156.25MHz).
The REF_SEL[1:0] inputs will program the internal divider as required to use the selected REFCK frequency.
Two reference clock inputs are provided, REFCK1 and REFCK0, to allow “on-the-fly switching” between
SONET and Gigabit Ethernet applications if desired. Since SONET and Gigabit Ethernet require different refer-
ence clock frequencies, the VSC8122 allows the user to toggle between the two reference clock frequencies
(REFCK1 and REFCK0) to supply the appropriate input clock. REF_INPUTSEL is used to toggle between the
two reference clock input frequencies; REF_INPUTSEL= “0” selects REFCK0 and REF_INPUTSEL= “1”
selects REFCK1. Either reference clock input (REFCK1, REFCK0) can be used for SONET or Gigabit Ethernet
reference frequencies. LVPECL levels are recommended for REFCK inputs (see Figure 4). If a reference clock
is unused, it is recommended that one of its inputs be tied to VCC through a 5.1kΩ resistor, the other one to
GND through a 5.1k
Ω resistor.
Figure 4: REFCK Input Levels
REFCK0 /
VSC8122
VSC8122
0.1µf
REFCK0 /
REFCK1
REFCK1
LVPECL Level REFCK Inputs (recommended)
NON- LVPECL Level REFCK Inputs
50
VCC-2
(1)
50
VTERM
(1, 2)
NOTES: (1) For differential REFCK input signals, 100
Ω termination between true and complement REFCK signals can be
substituted for the 50
Ω to V
TERM termination on each line.
(2) With the input ac-coupled, VTERM can be to any power supply required for the upstream device.


Similar Part No. - VSC8122

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8121QI VITESSE-VSC8121QI Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
More results

Similar Description - VSC8122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com