Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8122QP Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8122QP
Description  Multi-Rate SONET/SDH Clock and Data Recovery IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8122QP Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8122QP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8122QP Datasheet HTML 14Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Multi-Rate SONET/SDH
Clock and Data Recovery IC
Data Sheet
VSC8122
G52228-0, Rev 4.1
Page 11
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
64
49
1
48
33
32
17
G
F
IH
L
16
10o TYP
100 TYP
A
K
D
0.102 MAX. LEAD
COPLANARITY
0.17 MAX.
A
0.25
J
0 o - 8o
0.25 MAX.
E
0.30 RAD. TYP.
. TYP.
STANDOFF
NOTES:
Drawing not to scale.
Heat spreader up on 10mm package only.
All units in mm unless otherwise noted.
Heat spreader is not electrically connected.
0.20 RAD
Item
10
mm
Tol.
A2.45
MAX
D
2.00
+0.10
E0.22
±.05
F
13.20
±.25
G
10.00
±.10
H
13.20
±.25
I
10.00
±.10
J0.88
±.15
K0.50
BASIC
64-pin PQFP Package Drawing
Package #: 101-XXX-X
Issue #: 1
Package #: 101-XXX-X
Issue #: 1


Similar Part No. - VSC8122QP

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8121 VITESSE-VSC8121 Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8121QI VITESSE-VSC8121QI Datasheet
176Kb / 18P
   2.488GHz SONET/SDH Clock Generator
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
VSC8124 VITESSE-VSC8124 Datasheet
648Kb / 20P
   Target Specification
More results

Similar Description - VSC8122QP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
S3076 ETC1-S3076 Datasheet
158Kb / 18P
   MULTI-RATE SONET/SDH CLOCK RECOVERY UNIT
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
   OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
NXP Semiconductors
TZA3004HL PHILIPS-TZA3004HL Datasheet
276Kb / 24P
   SDH/SONET data and clock recovery unit STM1/4 OC3/12
1998 Feb 09
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com