Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQXT-317-2 Datasheet(PDF) 2 Page - IQD Frequency Products Ltd

Part # IQXT-317-2
Description  TCXO Specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-317-2 Datasheet(HTML) 2 Page - IQD Frequency Products Ltd

  IQXT-317-2 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-317-2 Datasheet HTML 2Page - IQD Frequency Products Ltd IQXT-317-2 Datasheet HTML 3Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IQXT-317
TCXO Specification
Output Details
Output Compatability
HCMOS/Clipped Sine
HCMOS Output Waveform:
Output Voltage Level Low (VoL): 10%Vs max
Output Voltage Level High (VoH): 90%Vs min
Rise and Fall Times (measured @ 10pF): 5ns max
Duty Cycle (measured @ 50% level): 40/60% max
Output Load Capability: 10pF
Settling Time (time taken for frequency to reach specified
Frequency Tolerance): 10ms max
Note: Assumes no phase noise filtering - if low phase noise is
required the Settling Time will be extended.
Clipped Sine Output Waveform:
Output Voltage Level (@ TA=25°C, Vs min and
load=10kΩ//10pF): 0.8V pk-pk min
Output Load Capability: 10kΩ//10pF
Output: AC-coupled
Start Up Time (amplitude within 90% of specified output level):
1ms max
Settling Time (time taken for frequency to reach specified
Frequency Tolerance): 10ms max
Note: Assumes no phase noise filtering - if low phase noise is
required the Settling Time will be extended.
Noise Parameters
Phase Noise (typical for a 10MHz HCMOS oscillator @ 25°C):
-75dBc/Hz @ 1Hz
-98dBc/Hz @ 10Hz
-127dBc/Hz @ 100Hz
-147dBc/Hz @ 1kHz
-152dBc/Hz @ 10kHz
-155dBc/Hz @ 100kHz
-157dBc/Hz @ 1MHz
Environmental Parameters
Storage Temperature Range: -40 to 85°C
Mechanical Shock: IEC 60068-2-27: Half sine-wave
acceleration of 100G peak amplitude for 6ms duration, 3 times
in 3 mutually perpendicular planes.
Vibration: 10G rms from 30Hz to 1500Hz random for 4hrs in 3
mutually perpendicular planes, 12hrs total.
Thermal Shock: Exposed @ -40°C for 30mins then 85°C for
30mins constantly for a period of 5 days.
Humidity: After 48hrs @ 85°C ±2°C, 85% RH non-condensing.
Note: The environmental conditions will cause a frequency
shift @ 25°C of ≤1ppm.
Manufacturing Details
Maximum Process Temperature: 260°C (40secs max)
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 2,000
Loose in bulk pack
Pack Style: Bulk
Pack Size: 1
Printed on 26 Apr 16 14:49 using Model Data Sheet V1.2550
Page 2 of 3
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-317-2

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-311 IQD-IQXT-311 Datasheet
326Kb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-314 IQD-IQXT-314 Datasheet
441Kb / 2P
   TCXO Specification
IQXT-314-1 IQD-IQXT-314-1 Datasheet
441Kb / 2P
   TCXO Specification
More results

Similar Description - IQXT-317-2

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
E3179LF IQD-E3179LF Datasheet
956Kb / 2P
   TCXO Specification
IQXT-260 IQD-IQXT-260 Datasheet
317Kb / 4P
   TCXO Specification
IQXT-315 IQD-IQXT-315 Datasheet
430Kb / 2P
   TCXO Specification
IQXT-140-3.3V IQD-IQXT-140-3.3V Datasheet
1Mb / 2P
   TCXO Specification
IQXT-312 IQD-IQXT-312 Datasheet
141Kb / 3P
   TCXO Specification
LFTCXO070898 IQD-LFTCXO070898 Datasheet
246Kb / 2P
   TCXO Specification
LFTCXO075796 IQD-LFTCXO075796 Datasheet
140Kb / 2P
   TCXO Specification
LFTCXO079058 IQD-LFTCXO079058 Datasheet
117Kb / 1P
   TCXO Specification
V1.0020
LFTCXO063784 IQD-LFTCXO063784_V01 Datasheet
497Kb / 2P
   TCXO Specification
V1.0018
IQXT-282 IQD-IQXT-282 Datasheet
133Kb / 2P
   TCXO Specification
IQXT-291 IQD-IQXT-291 Datasheet
133Kb / 2P
   TCXO Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com