Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQXT-351 Datasheet(PDF) 1 Page - IQD Frequency Products Ltd

Part # IQXT-351
Description  VCTCXO Specification
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IQD [IQD Frequency Products Ltd]
Direct Link  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

IQXT-351 Datasheet(HTML) 1 Page - IQD Frequency Products Ltd

  IQXT-351 Datasheet HTML 1Page - IQD Frequency Products Ltd IQXT-351 Datasheet HTML 2Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IQXT-351
VCTCXO Specification
ISSUE 1; August 2016
Outline (mm)
Description
Surface mount Voltage Controlled Temperature Compensated
Crystal Oscillator (VCTCXO) in a miniature 1.6 x 1.2mm
surface mount package.
Frequency Parameters
Frequency
19.2MHz to 52.0MHz
±1.50ppm
Frequency Tolerance
@ 25°C ±2°C
Tolerance Condition
Frequency Stability
±0.50ppm
±1ppm max per year @ 25°C
±3°C
Ageing
Supply Voltage Variation (±5% change @ 25°C): ±0.1ppm max
Load Variation (±10% change @ 25°C): ±0.1ppm max
IR Reflow Resistance (referred to frequency before reflow):
±1ppm max
Electrical Parameters
1.8V ±5%
Supply Voltage
Absolute Maximum Supply Voltage: -0.6V to 4.6V
Frequency Adjustment
Pulling
±8ppm to ±13ppm
Control Voltage
0.9V ±0.8V
Absolute Maximum Control Voltage: -0.6V to Vs+0.6V
Slope: Positive
Operating Temperature Ranges
-40 to 85°C
-30 to 85°C
Output Details
Output Compatability
Clipped Sine
Drive Capability
10kΩ//10pF
Output Voltage Level: 0.8V pk-pk min
Output: DC coupled
Start Up Time (Vout ≥ 90%Vpk-pk): 2ms max
Noise Parameters
Harmonic distortion: -5.0dBc max
Phase Noise @ 25°C: -135dBc/Hz @ 1kHz typ
Environmental Parameters
Storage Temperature Range: -40 to 85°C
Manufacturing Details
Reflow Process
Preheating: 170°C±10°C for1 to 2 minutes.
Maximum reflow: 250°C±10°C for10secs.
A DC-cut capacitor is not built in to the oscillator; a 1000pF
DC-cut capacitor is therefore required in the output line.
Printed on 30 Aug 16 14:58 using Model Data Sheet V1.2550
Page 1 of 2
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com


Similar Part No. - IQXT-351

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
IQXT-350 IQD-IQXT-350 Datasheet
128Kb / 2P
   TCXO Specification
More results

Similar Description - IQXT-351

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
   VCTCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
   VCTCXO Specification
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
LFTVXO085762 IQD-LFTVXO085762 Datasheet
262Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-210 IQD-IQXT-210 Datasheet
294Kb / 3P
   VCTCXO Specification
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com