Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W49V002A Datasheet(PDF) 8 Page - Winbond

Part # W49V002A
Description  256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002A Datasheet(HTML) 8 Page - Winbond

Back Button W49V002A Datasheet HTML 4Page - Winbond W49V002A Datasheet HTML 5Page - Winbond W49V002A Datasheet HTML 6Page - Winbond W49V002A Datasheet HTML 7Page - Winbond W49V002A Datasheet HTML 8Page - Winbond W49V002A Datasheet HTML 9Page - Winbond W49V002A Datasheet HTML 10Page - Winbond W49V002A Datasheet HTML 11Page - Winbond W49V002A Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Preliminary W49V002A
- 8 -
Command Codes for Byte Program
BYTE SEQUENCE
ADDRESS
DATA
0 Write
5555H
AAH
1 Write
2AAAH
55H
2 Write
5555H
A0H
3 Write
Programmed-Address
Programmed-Data
Byte Program Flow Chart
Byte Program
Command Flow
Load data AA
to
address 5555
Load data 55
to
address 2AAA
Load data A0
to
address 5555
Load data Din
to
programmed-
address
Pause T
Exit
BP
Notes for software program code:
Data Format: DQ7
−DQ0 (Hex); XX = Don't Care
Address Format: A14
−A0 (Hex)


Similar Part No. - W49V002A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAP WINBOND-W49V002FAP Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FAQ WINBOND-W49V002FAQ Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results

Similar Description - W49V002A

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
   256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040A WINBOND-W39V040A Datasheet
369Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V080A WINBOND-W39V080A Datasheet
356Kb / 34P
   1M 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040B WINBOND-W39V040B_07 Datasheet
336Kb / 33P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040C WINBOND-W39V040C Datasheet
352Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
   256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
   256K X 8 CMOS FLASH MEMORY
W39V040B WINBOND-W39V040B Datasheet
356Kb / 32P
   512K 횞 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com