Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO615CG Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSO615CG
Description  SIPMOS횘 Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSO615CG_12 Datasheet HTML 2Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 3Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 4Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 5Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 6Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 7Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 8Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 9Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
20
12-04-04
Page 6
Rev. 2.
1
BSO 615 C G
Safe operating area (N-Ch.)
ID = f ( VDS )
parameter :
D = 0 , TA = 25 °C
10
-1
10
0
10
1
10
2
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
BSO 615 C
R D
S
(on)
=
V D
S
/ I D
DC
10 ms
1 ms
100 µs
10 µs
tp = 4.7µs
Safe operating area (P-Ch.)
ID = f ( VDS )
parameter :
D = 0 , TA = 25 °C
-10
-1
-10
0
-10
1
-10
2
V
VDS
-2
-10
-1
-10
0
-10
1
-10
A
BSO 615 C
DC
10 ms
1 ms
100 µs
tp = 90.0µs
Transient thermal impedance (N-Ch.)
ZthJC = f(tp)
parameter :
D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-1
10
0
10
1
10
2
10
K/W
BSO 615 C
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Transient thermal impedance (P-Ch.)
ZthJC = f(tp)
parameter :
D = tp/T
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
3
s
tp
-2
10
-1
10
0
10
1
10
2
10
K/W
BSO 615 C
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - BSO615CG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
More results

Similar Description - BSO615CG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com