Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1016AEN Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1016AEN
Description  9.0V Dual H-Bridge Motor Driver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1016AEN Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1016AEN Datasheet HTML 3Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 4Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 5Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 6Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 7Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 8Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 9Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 10Page - Asahi Kasei Microsystems AP1016AEN Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
[AP1016AEN]
MS1589-E-03
- 7 -
2014/12
Parameter
Symbol
Condition
min
typ
max
Unit
Propagation delay time
(“L”→”H”)
tPDLH
Load=1 k between
OUTA and OUTB
Refer to Figure 3(a)
IN1A=IN2A=L
IN1B=IN2B=200kHz
0.07
0.3
μs
Propagation delay time
(“H”→”L”)
tPDHL
0.17
0.3
μs
Propagation delay time
(Hi-Z→”H”)
tPDZH
(Note 5)the time from 50%
input to 90% output
Refer to Figure 3(c)
Guaranteed by
design(Note 6)
0.1
0.3
μs
Propagation delay time
(“H”→ Hi-Z)
tPDHZ
(Note 5)the time from 50%
input to 25% down output
Refer to Figure 3(d)
Guaranteed by
design(Note 6)
0.1
0.3
μs
Output pulse width
tPW
Load=20kΩ between
OUTA and OUTB, Input
puls width=1us,Refer to
Figure 3(b)
Guaranteed by design
(Note 6)
0.7
1.09
1.5
μs
Control logic
Input High level voltage
(IN1A, IN1B, IN2A, IN2B)
VIH
VC = 2.7V-5.5V
0.7×VC
V
Input Low level voltage
(IN1A, IN1B, IN2A, IN2B)
VIL
0.3×VC
V
Input High level voltage
(IN1A, IN1B, IN2A, IN2B)
IIH
Vterm1 = 3.0V
9
15
21
μA
Input Low level current
(IN1A, IN1B, IN2A, IN2B)
IIL
VC = 2.7V-5.5V
-1.0
μA
Input pulse rise time
(IN1A, IN1B, IN2A, IN2B)
tr
1.0
μs
Input pulse fall time
(IN1A, IN1B, IN2A, IN2B)
tf
1.0
μs
Protection functions (Figure 4, Figure 5)
VC low level detection
voltage
VCUV
1.9
2.2
2.5
V
Voltage hysteresis
VCUVHY
S
Guaranteed by design
(Note 6)
0.02
0.05
0.1
V
Thermal shut down
temperature
TTSD
Guaranteed by design
(Note 6)
150
175
200
C
Temperature hysteresis
TTSDHYS
Guaranteed by design
(Note 6)
20
30
40
C
Note 5. 100k load resister is connected between VM and OUTA/B, and also between OUTA/B and GND.
Note 6. Not tested in production.


Similar Part No. - AP1016AEN

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results

Similar Description - AP1016AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
   Dual H-bridge Motor Driver
July, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com