Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS25 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP1150ADS25
Description  14V Input / 200mA Output LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS25 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP1150ADS25 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS25 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 8 -
2014/10
Table 4. Optional Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
min
typ
max
typ
max
typ
max
V
V
V
V
V
mV
V
AP1150ADS13
1.250
1.300
1.350
10
22
20
47
AP1150ADS14
1.350
1.400
1.450
10
22
20
48
AP1150ADS16
1.550
1.600
1.650
10
23
21
50
AP1150ADS17
1.650
1.700
1.750
10
23
21
51
AP1150ADS19
1.850
1.900
1.950
10
24
22
52
AP1150ADS20
1.950
2.000
2.050
10
24
22
53
AP1150ADS21
2.050
2.100
2.150
10
24
23
54
AP1150ADS22
2.150
2.200
2.250
11
25
23
55
AP1150ADS23
2.250
2.300
2.350
11
25
23
55
AP1150ADS24
2.350
2.400
2.450
11
25
24
56
AP1150ADS25
2.450
2.500
2.550
11
25
24
57
AP1150ADS26
2.550
2.600
2.650
11
26
24
58
AP1150ADS27
2.650
2.700
2.750
11
26
25
59
AP1150ADS28
2.750
2.800
2.850
11
26
25
60
AP1150ADS29
2.850
2.900
2.950
11
27
25
60
AP1150ADS31
3.050
3.100
3.150
12
27
26
62
AP1150ADS32
3.150
3.200
3.250
12
27
26
63
AP1150ADS34
3.349
3.400
3.451
12
28
27
64
AP1150ADS35
3.447
3.500
3.553
12
28
27
65
AP1150ADS36
3.546
3.600
3.654
12
28
28
66
AP1150ADS37
3.644
3.700
3.756
12
29
28
67
AP1150ADS38
3.743
3.800
3.857
12
29
29
68
AP1150ADS39
3.841
3.900
3.959
12
29
29
69
AP1150ADS41
4.038
4.100
4.162
13
30
30
70
AP1150ADS42
4.137
4.200
4.263
13
30
30
71
AP1150ADS43
4.235
4.300
4.365
13
30
30
72
AP1150ADS44
4.334
4.400
4.466
13
31
31
73
AP1150ADS46
4.531
4.600
4.669
13
31
31
74
AP1150ADS47
4.629
4.700
4.771
13
31
32
75
AP1150ADS48
4.728
4.800
4.872
14
32
32
76
AP1150ADS49
4.826
4.900
4.974
14
32
32
77
AP1150ADS51
5.023
5.100
5.177
14
33
33
78
AP1150ADS52
5.122
5.200
5.278
14
33
33
79
AP1150ADS53
5.220
5.300
5.380
14
33
34
80
AP1150ADS55
5.319
5.400
5.481
14
33
34
81
AP1150ADS60
5.910
6.000
6.090
15
35
36
86
AP1150ADS65
6.402
6.500
6.598
15
36
38
90
AP1150ADS70
6.895
7.000
7.105
16
38
39
94
AP1150ADS75
7.387
7.500
7.613
17
39
41
98
AP1150ADS80
7.880
8.000
8.120
17
40
43
102
AP1150ADS85
8.372
8.500
8.628
18
42
44
106
AP1150ADS90
8.865
9.000
9.136
18
43
46
110
AP1150ADS95
9.357
9.500
9.643
19
45
48
114


Similar Part No. - AP1150ADS25

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1150ADS25 HUAXINAN-AP1150ADS25 Datasheet
719Kb / 19P
   Output LDO Regulator
More results

Similar Description - AP1150ADS25

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
logo
Richtek Technology Corp...
RTQ2511-QA RICHTEK-RTQ2511-QA Datasheet
874Kb / 11P
   14V, 2A IQ, 200mA LDO Regulator
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com