Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L040Q-90 Datasheet(PDF) 7 Page - Winbond

Part # W39L040Q-90
Description  512 K X 8 CMOS FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L040Q-90 Datasheet(HTML) 7 Page - Winbond

Back Button W39L040Q-90 Datasheet HTML 3Page - Winbond W39L040Q-90 Datasheet HTML 4Page - Winbond W39L040Q-90 Datasheet HTML 5Page - Winbond W39L040Q-90 Datasheet HTML 6Page - Winbond W39L040Q-90 Datasheet HTML 7Page - Winbond W39L040Q-90 Datasheet HTML 8Page - Winbond W39L040Q-90 Datasheet HTML 9Page - Winbond W39L040Q-90 Datasheet HTML 10Page - Winbond W39L040Q-90 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
W39L040
Publication Release Date: February 10, 2003
- 7 -
Revision A3
Write Operation Status
DQ7: Data Polling
The W39L040 device features Data Polling as a method to indicate to the host that the embedded
algorithms are in progress or completed.
During the Embedded Program Algorithm, an attempt to read the device will produce the complement
of the data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt to
read the device will produce the true data last written to DQ7.
During the Embedded Erase Algorithm, an attempt to read the device will produce a "0" at the DQ7
output. Upon completion of the Embedded Erase Algorithm, an attempt to read the device will produce
a "1" at the DQ7 output.
For chip erase, the Data Polling is valid after the rising edge of the sixth pulse in the six #WE write
pulse sequences. For sector erase, the Data Polling is valid after the last rising edge of the sector
erase #WE pulse. Data Polling must be performed at sector addresses within any of the sectors being
erased. Otherwise, the status may not be valid.
Just prior to the completion of Embedded Algorithm operations DQ7 may change asynchronously
while the output enable (#OE) is asserted low. This means that the device is driving status information
on DQ7 at one instant of time and then that byte
′s valid data at the next instant of time. Depending on
when the system samples the DQ7 output, it may read the status or valid data. Even if the device has
completed the Embedded Algorithm operations and DQ7 has a valid data, the data outputs on DQ0 –
DQ6 may be still invalid. The valid data on DQ0
− DQ7 will be read on the successive read attempts.
The Data Polling feature is only active during the Embedded Programming Algorithm, Embedded
Erase Algorithm, or sector erase time-out (see "Command Definitions").
DQ6: Toggle Bit
The W39L040 also features the "Toggle Bit" as a method to indicate to the host system that the
embedded algorithms are in progress or completed.
During an Embedded Program or Erase Algorithm cycle, successive attempts to read (#OE toggling)
data from the device at any address will result in DQ6 toggling between one and zero. Once the
Embedded Program or Erase Algorithm cycle is completed, DQ6 will stop toggling and valid data will
be read on the next successive attempt. During programming, the Toggle Bit is valid after the rising
edge of the fourth #WE pulse in the four write pulse sequence. For chip erase, the Toggle Bit is valid
after the rising edge of the sixth #WE pulse in the six write pulse sequence. For sector/page erase, the
Toggle Bit is valid after the last rising edge of the sector/page erase #WE pulse. The Toggle Bit is
active during the sector/page erase time-out.
Either #CE or #OE toggling will cause DQ6 to toggle.


Similar Part No. - W39L040Q-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A70B WINBOND-W39L040A70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A90B WINBOND-W39L040A90B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70B WINBOND-W39L040AP70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70Z WINBOND-W39L040AP70Z Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L040Q-90

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Advanced Micro Devices
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com