Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3F8L3005C Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3F8L3005C
Description  2:1:5 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3005C Datasheet(HTML) 3 Page - ON Semiconductor

  NB3F8L3005C_15 Datasheet HTML 1Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 2Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 3Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 4Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 5Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 6Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 7Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 8Page - ON Semiconductor NB3F8L3005C_15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NB3F8L3005C
www.onsemi.com
3
Table 1. PIN DESCRIPTION
Number
Name
Type
Input
Default
Description
3, 5
Q0, Q1
LVCMOS
Outputs − Bank A
13, 15, 17
Q2, Q3, Q4
LVCMOS
Outputs − Bank B
2, 6
VDDOA
Power
Positive Supply Pins for Bank A Outputs Q0 − Q1
14, 18
VDDOB
Power
Positive Supply Pins for Bank B Outputs Q2 − Q4
1, 4, 7, 11,
12, 16, 19
GND
GND
Ground Supply
8, 23
VDD
Power
VDD Positive Supply pin for Core and Inputs.
9
XTAL_IN
XTAL OSC / CLK Input
Crystal Oscillator Interface or External Clock Source at
LVCMOS Levels
10
XTAL_OUT
XTAL OSC Output
Crystal Interface
20
CLK
Diff / SE Input
Pullup /
Pulldown
Inverting differential clock input
21
CLK
Diff / SE Input
Pulldown
Non-inverting clock input
22
SEL
LVCMOS / LVTTL
Input
Pulldown
Input clock select. See Table 3 for function. Input Pulldown
24
OE
LVCMOS / LVTTL
Input
Pulldown
Output Enable Control. See Table 4 for function.
EP
The Exposed Pad (EP) on the QFN−24 package bottom is
thermally connected to the die for improved heat transfer out
of package. The exposed pad must be attached to a heat−
sinking conduit. The pad is electrically connected to the die,
and must be electrically connected to GND.
1. All VDD, VDDOx and GND pins must be externally connected to a power supply to guarantee proper operation. Bypass each VDD and VDDOx
with 0.01
mF CAP to GND.
Table 2. PIN CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance
4
pF
RPU
Input Pullup Resistor
50
k
W
RPD
Input Pulldown Resistor
50
k
W
CPD
Power Dissipation Capacitance (per output)
VDDO = 3.3 V
VDDO = 2.5 V
VDDO = 1.8 V
VDDO = 1.5 V
pF
ROUT
Output Impedance
VDDO = 3.3 V
VDDO = 2.5 V
VDDO = 1.8 V
VDDO = 1.5 V
20
W


Similar Part No. - NB3F8L3005C_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005CMNTBG ONSEMI-NB3F8L3005CMNTBG Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
NB3F8L3005CMNTXG ONSEMI-NB3F8L3005CMNTXG Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
More results

Similar Description - NB3F8L3005C_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C_16 Datasheet
113Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
May, 2016 ??Rev. 7
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
logo
Potato Semiconductor Co...
PO74HSTL85352A POTATO-PO74HSTL85352A_14 Datasheet
1Mb / 7P
   LVCMOS Input to HSTL Output 1:2 Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
   Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
logo
Integrated Circuit Syst...
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
   LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com