Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TQ2H-L-2M-48V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # TQ2H-L-2M-48V
Description  LOW PROFILE 2 FORM C RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

TQ2H-L-2M-48V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  TQ2H-L-2M-48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) TQ2H-L-2M-48V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TQ
136
DIMENSIONS
1) 2 Form C, 2 Form D
Standard PC board terminal
Self-clinching terminal
General tolerance:
±0.3 ±.012
4.75
14
9
3.5
0.25
2.54
7.62
0.5
0.25
5 +
0.4
−0.2
.551
.354
.187
.138
.010
.100
.300
.020
.010
+.016
−.008
.197
4.75
14
9
3.5
0.25
2.54
7.62
0.5
0.25
5 +
0.4
−0.2
+.016
−.008
.197
.551
.354
.187
.138
.010
.100
.300
.020
.010
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
10.16
.400
2.54
7.62
10-1.0 dia.
10-.039 dia
2.54
.100
.100
.300
Schematic (Bottom view)
• Single side stable
(Deenergized condition)
• 1-coil latching
(Reset condition)
• 2-coil latching
(Reset condition)
*Orientation stripe typical-located on top of relay
1
Direction indication*
+
2
345
10 9
876
1
Direction indication*
+
2
345
10 9
876
+
+−
1
Direction indication*
2
345
10 9
876
mm inch
2) 4 Form C
Standard PC board terminal
Self-clinching terminal
General tolerance:
±0.3 ±.012
4.75
26.7
9
3.5
0.25
2.54
5.08
7.62
0.5
0.25
5 +
0.4
−0.2
1.051
.354
.187
.138
.010
.100
.200
.300
.020
.010
+.016
−.008
.197
4.75
26.7
9
3.5
0.25
2.54
5.08
7.62
0.5
0.25
5 +
0.4
−0.2
1.051
.354
.187
.138
.010
.100
.200
.300
.020
.010
+.016
−.008
.197
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.004
22.86
2.54
2.54
7.62
16-1.0 dia.
16-.039 dia
5.08
.200
.900
.100
.100
.300
Schematic (Bottom view)
• Single side stable
(Deenergized condition)
• 1-coil latching
(Reset condition)
• 2-coil latching
(Reset condition)
*Orientation stripe typical-located on top of relay
+−
1
Direction indication*
34 5
20
181716
67 8
151413
10
11
−+
1
Direction indication*
34 5
20
181716
67 8
151413
10
11
+
+
1
Direction indication*
34 5
20
181716
67 8
151413
10
11
REFERENCE DATA
1. Maximum switching capacity
2. Life curve
3. Mechanical life
Tested sample: TQ2-12V, 10 pcs.
30
100
200
1.0
0.5
0.4
0.3
0.2
Switching voltage,V
DC load (cos
ϕ=1)
AC load (cos
ϕ=1)
Switching current, A
100
10
0
0.5
1.0
30 V DC resistive load
125 V AC resistive load
No. of operations,
×104
100
90
80
70
60
50
40
30
20
10
10
Max.
Min.
Max.
Min.
100
1,000
10,000
0
Pick-up voltage
Drop-out voltage


Similar Part No. - TQ2H-L-2M-48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TQ2H-L-24V PANASONIC-TQ2H-L-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant Measurement equipment
TQ2H-L-24V PANASONIC-TQ2H-L-24V Datasheet
186Kb / 11P
   2-pole 5 mm Surface Mount Relay, JIS C0806 compliant
More results

Similar Description - TQ2H-L-2M-48V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
   2 Form C configuration
logo
Fujitsu Component Limit...
FTR-B2 FUJITSU-FTR-B2 Datasheet
143Kb / 8P
   4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
FTR-B2 FUJITSU-FTR-B2_06 Datasheet
1Mb / 8P
   4 Pole (2 FORM C 2 FORM A) Signal Relay for Central Switching/ Data Transmission
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com