Electronic Components Datasheet Search |
|
NB3F8L3010C Datasheet(PDF) 9 Page - ON Semiconductor |
|
NB3F8L3010C Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 13 page NB3F8L3010C www.onsemi.com 9 Differential Input with Single−Ended Interconnect Refer to Figure 5 to interconnect a single−ended to a Differential Pair of inputs. The reference bias voltage VREF = VDD/2 is generated by the resistor divider of R3 and R4. Bypass capacitor (C1) can filter noise on the DC bias. This bias circuit should be located as close to the input pin as possible. Adjust R1 and R2 to common mode voltage of the signal input swing to preserve duty cycle. This configuration requires that the sum of the output impedance of the driver (Ro) and the series resistance (Rs) equals the transmission line impedance. In addition, matched termination by R1 and R2 will attenuate the signal amplitude in half. Termination may be done by using Rs or by using R1 and R2. First, Rs = 0 and then R3 and R4 in parallel should equal the transmission line impedance. For most 50 W applications, R1 and R2 can be 100 W. The differential input can handle full rail LVCMOS signaling, but it is recommended that the amplitude be reduced. The datasheet specifies a differential amplitude which needs to be doubled for a single ended equivalent stimulus. VILmin cannot be less than −0.3 V and VIHmax cannot be more than VDD + 0.3 V. The datasheet specifications are characterized and guaranteed by using a differential signal. Zo = 50 W Single C1 0.1 mF R2 100 W Z0 = RO + Rs GND = 0.0 VDD R1 100 W Rs RO Ended Driver GND = 0.0 VDD GND = 0.0 R4 1 k W R3 1 k W Differential In VDD CLKx CLKx Figure 5. Differential Input with Single−ended Interconnect Crystal Input Interface The device has been characterized with 18 pF parallel resonant crystals. The capacitor values, C1 and C2, shown in Figure 6 below as 15 pF were determined using an 18 pF parallel resonant crystal and were chosen to minimize the ppm error. The optimum C1 and C2 values can be slightly adjusted for different board layouts. Figure 6. Crystal Input Interface CLOCK Overdriving the XTAL Interface The XTAL_IN input can accept a single−ended LVCMOS signal through an AC coupling capacitor. A general LVCMOS interface diagram is shown in Figure 7 and a general LVPECL interface in Figure 8. The XTAL_OUT pin must be left floating. The maximum amplitude of the input signal should not exceed 2 V and the input edge rate can be as slow as 10 ns. This configuration requires that the output impedance of the driver (Ro) plus the series resistance (Rs) equals the transmission line impedance. In addition, matched termination at the crystal input will attenuate the signal in half. This can be done in one of two ways. First, R1 and R2 in parallel should equal the transmission line impedance. For most 50 W applications, R1 and R2 can be 100 W. This can also be accomplished by removing R1 and making R2 50 W. By overdriving the crystal oscillator, the device will be functional, but note, the device performance is guaranteed by using a quartz crystal. |
Similar Part No. - NB3F8L3010C_16 |
|
Similar Description - NB3F8L3010C_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |