Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3H5150-01 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3H5150-01
Description  2.5V / 3.3V Low Noise Multi-Rate Clock Generator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3H5150-01 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3H5150-01 Datasheet HTML 2Page - ON Semiconductor NB3H5150-01 Datasheet HTML 3Page - ON Semiconductor NB3H5150-01 Datasheet HTML 4Page - ON Semiconductor NB3H5150-01 Datasheet HTML 5Page - ON Semiconductor NB3H5150-01 Datasheet HTML 6Page - ON Semiconductor NB3H5150-01 Datasheet HTML 7Page - ON Semiconductor NB3H5150-01 Datasheet HTML 8Page - ON Semiconductor NB3H5150-01 Datasheet HTML 9Page - ON Semiconductor NB3H5150-01 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
NB3H5150−01
www.onsemi.com
6
become effective and will begin to output the
selected frequencies.
2. Subsequent changes to any FS pin(s) will cause
the associated CLK(n) output(s) to momentarily
go to static levels, and then to resume at the new
frequency; CLK(n) will follow the FS(n) pin
programmable Tables 3 and 4 for output
frequencies and interface levels.
Note that in changing from LVPECL to LVCMOS
(or vice−versa), output logic levels cannot be
guaranteed. This is because the receiver inputs are
not likely to change in a given application, and the
LVPECL output loading in the application will
also not change. It is logical to presume that the
output type will be predetermined and fixed.
Therefore, in a system/application, the user should
be aware that subsequent change to the FS pin
should only change frequency, and not output type.
3. Power off/on cycle will repeat the entire sequence
4. Power Down
To initiate the Power−Down mode, the SDA pin
must be LOW and remain LOW. If the SCL/PD
pin is taken HIGH at any time, the device enters a
complete power−down mode with a current
consumption of less than 1 mA for the entire
device. When SCL/PD is subsequently taken
LOW, the device will function as though power
were removed and re−applied. That is, sequencing
will begin at #1.
Power−down is also available via I2C with a
register file.
FS(n) Pin Programmable Selection of Output Frequencies and Levels
Table 3. NB3H5150−01MNTXG − CLK1A:3A & CLK1B:3B OUTPUT FREQUENCY
SELECT TABLE WITH 25 MHz CRYSTAL
Logic Level
FS1 (CLK1)
(MHz)
FS2 (CLK2)
(MHz)
FS3 (CLK3)
(MHz)
Low
156.25 (LVPECL)
156.25 (LVPECL)
156.25 (LVPECL)
Mid / Float*
25.00 (LVPECL)
100.00 (LVPECL)
125.00 (LVPECL)
High
50.00 (LVPECL)
125.00 (LVPECL)
50.00 (LVPECL)
*(Default)
Table 4. NB3H5150−01MNTXG − CLK4A & CLK4B OUTPUT FREQUENCY
SELECT TRUTH TABLE (MHz) WITH 25 MHz CRYSTAL*
FS4A
FS4B
CLK4 (MHz)
Divider Type
Low
Low
33.33 (LVCMOS)
Integer
Low
Mid / Float
66.66 (LVCMOS)
Fractional
Low
High
133.33 (LVCMOS)
Fractional
Mid / Float
Low
133.33 (LVPECL)
Fractional
Mid / Float*
Mid / Float*
156.25 (LVPECL)
Integer
Mid / Float
High
125.00 (LVPECL)
Integer
High
Low
25.00 (LVPECL)
Integer
High
Mid / Float
100.00 (LVPECL)
Integer
High
High
161.1328 (LVPECL)
Fractional
*(Default)


Similar Part No. - NB3H5150-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01MNTXG ONSEMI-NB3H5150-01MNTXG Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
More results

Similar Description - NB3H5150-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3H5150 ONSEMI-NB3H5150_16 Datasheet
181Kb / 19P
   2.5V / 3.3V Low Noise Multi-Rate Clock Generator
March, 2016 ??Rev. 3
NB3H5150 ONSEMI-NB3H5150 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
November, 2015 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01_17 Datasheet
184Kb / 19P
   Low Noise Multi-Rate Clock Generator
May, 2017 ??Rev. 2
NB3H5150-01 ONSEMI-NB3H5150-01 Datasheet
185Kb / 19P
   Low Noise Multi-Rate Clock Generator
October, 2015 ??Rev. 0
logo
List of Unclassifed Man...
ICS87354I ETC-ICS87354I Datasheet
128Kb / 10P
   -2.5V/ 3.3V LVPECL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
logo
Integrated Circuit Syst...
ICS843251I-12 ICST-ICS843251I-12 Datasheet
171Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V, 2.5V LVPECL CLOCK GENERATOR
logo
Integrated Device Techn...
843071 IDT-843071 Datasheet
443Kb / 18P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com