Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3F8L3010CMNTWG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB3F8L3010CMNTWG
Description  3:1:10 LVCMOS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3F8L3010CMNTWG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB3F8L3010CMNTWG Datasheet HTML 2Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 3Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 4Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 5Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 6Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 7Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 8Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 9Page - ON Semiconductor NB3F8L3010CMNTWG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NB3F8L3010C
www.onsemi.com
6
Table 11. AC CHARACTERISTICS VDD = 3.3 V ± 5% (3.135 V to 3.465 V) or VDD = 2.5 V ±5% (2.375 V to 2.625 V) and
VDDOn = 3.3 V ± 5% (3.135 V to 3.465 V) or 2.5 V ± 5% (2.375 V to 2.625 V) or 1.8 V ± 0.2 V (1.6 V to 2.0 V) or 1.5 V ± 0.15 V (1.35 V
to 1.65 V); TA = −40°C to 85°C
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
tsk(o)
Output Skew (Notes 6 and 7)
10
55
ps
tJITTERF
Additive RMS
Phase Jitter
(Integrated
12 kHz
*
20 MHz)
(Note 8)
Input clock from
CLK0/CLK0 or
CLK1/CLK1
VDDOn = 3.3 V ± 5%
0.03
ps
VDDOn = 2.5 V ± 5%
0.03
VDDOn = 1.8 V ± 0.2 V
0.03
VDDOn = 1.5 V ± 0.15 V
0.03
External clock
over drives
crystal interface
VDDOn = 3.3 V ± 5%
0.03
VDDOn = 2.5 V ± 5%
0.03
VDDOn = 1.8 V ± 0.2 V
0.03
VDDOn = 1.5 V ± 0.15 V
0.03
Input clock from
crystal
VDDOn = 3.3 V ± 5%
0.03
VDDOn = 2.5 V ± 5%
0.03
VDDOn = 1.8 V ± 0.2 V
0.03
VDDOn = 1.5 V ± 0.15 V
0.03
tR / tF
Output Rise/Fall Time (20% and 80%)
VDDOn = 3.3 V ± 5%
150
350
500
ps
VDDOn = 2.5 V ± 5%
150
350
500
VDDOn = 1.8 V ± 0.2 V
150
350
600
VDDOn = 1.5 V ± 0.15 V
150
350
600
odc
Output Duty Cycle
VDDOn = 3.3 V ± 5%
45
55
%
VDDOn = 2.5 V ± 5%
40
60
VDDOn = 1.8 V ± 0.2 V
40
60
VDDOn = 1.5 V ± 0.15 V
40
60
tEN
Output Enable
Time (Note 9)
OE
4
cycles
tDIS
Output Disable
Time (Note 9)
OE
4
cycles
MUX_ISOLATION
MUX_ISOLATION
155.52 MHz
55
dB
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm.
5. XTAL_IN can be overdriven relative to a signal a crystal would provide.
6. Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDOn/2.
7. This parameter is defined in accordance with JEDEC Standard 65.
8. See phase noise plot.
9. These parameters are guaranteed by characterization. Not tested in production. See Parameter Measurement Information


Similar Part No. - NB3F8L3010CMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010CMNTWG ONSEMI-NB3F8L3010CMNTWG Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
More results

Similar Description - NB3F8L3010CMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3F8L3010C ONSEMI-NB3F8L3010C Datasheet
117Kb / 13P
   3:1:10 LVCMOS Fanout Buffer
September, 2015 ??Rev. 6
logo
Motorola, Inc
MPC9120 MOTOROLA-MPC9120 Datasheet
93Kb / 6P
   1:10 LVCMOS FANOUT BUFFER
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C Datasheet
116Kb / 13P
   1:5 LVCMOS Fanout Buffer
October, 2013 ??Rev. 0
logo
Motorola, Inc
MPC9140 MOTOROLA-MPC9140 Datasheet
105Kb / 6P
   1:18 LVCMOS FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8180D AKM-AK8180D Datasheet
832Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
AK8180A AKM-AK8180A Datasheet
580Kb / 12P
   2.5V, 3.3V LVCMOS 1:10 Clock Fanout Buffer
logo
ON Semiconductor
NB3F8L3005C ONSEMI-NB3F8L3005C_15 Datasheet
118Kb / 13P
   2:1:5 LVCMOS Fanout Buffer
April, 2015 ??Rev. 1
logo
Integrated Device Techn...
87946I-147 IDT-87946I-147 Datasheet
211Kb / 14P
   1-to-10 Low Skew, LVCMOS/LVTTL Fanout Buffer
83905I IDT-83905I Datasheet
498Kb / 21P
   LVCMOS/ LVTTL Fanout Buffer
8302 IDT-8302 Datasheet
102Kb / 10P
   LVCMOS / LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com