Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1154ADLXX Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1154ADLXX
Description  14V Input / 1A Output LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1154ADLXX Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1154ADLXX Datasheet HTML 3Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 4Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 5Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 6Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 7Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 8Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 9Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 10Page - Asahi Kasei Microsystems AP1154ADLXX Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
[AP1154ADLXX]
014011332-E-01
- 7 -
2015/07
■ Electrical Characteristics of Ta=-40
C~85C
The parameters with min or max values will be guaranteed at Ta=Tj=-40 ~ 85C.
(Vin=Vout(typ)+1V,Vcont=1.8V,Ta=-40 ~ 85C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(
Table 3)
V
Line Regulation
LinReg
∆V=5V, Iout=5mA
-8.0
0.0
8.0
mV
Load Regulation
LoaReg
Iout=5mA ~ 500mA
-40
-
40
mV
Iout=5mA ~ 1000mA
-120
-
120
mV
Dropout Voltage (Note 4)
Vdrop
Iout=500mA
-
160
385
mV
Iout=1000mA
-
300
670
mV
Maximum Output Current
(
Note 5)
Iout,Peak
Vout=Vout(typ)  0.9
-
1400
-
mA
Short Circuit Current(Note 5)
ISHORT
-
1500
-
mA
Quiescent Current
Iq
Iout = 0mA
-
320
624
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
1.5
μA
GND Terminal Current
Ignd
Iout=30mA
-
0.7
1.8
mA
Reverce Bias Current
Irev
Vrev=Vout(typ),
Vin=0V, Vcont=0V
-
0.0
1.5
μA
Vcont Terminal
Vcont Terminal Current
Icont
Vcont = 1.8V
-
5
10
μA
Vcont Terminal Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Note 4. For Vout  2.0V , no regulations.
Note 5. The maximum output current is limited by power dissipation.
General Note:
Parameter with only typical value is for reference only.
Table 3. Standard Voltage Version
Part Number
Output Voltage
min
typ
max
V
V
V
AP1154ADL18
1.720
1.800
1.880
AP1154ADL21
2.020
2.100
2.180
AP1154ADL25
2.420
2.500
2.580
AP1154ADL30
2.920
3.000
3.080
AP1154ADL33
3.217
3.300
3.383
AP1154ADL50
4.875
5.000
5.125


Similar Part No. - AP1154ADLXX

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
   Output LDO Regulator
More results

Similar Description - AP1154ADLXX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com