Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS26 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP1153ADS26
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS26 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP1153ADS26 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS26 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 1 -
2015/01
1. General Description
The AP1153ADSXX is a low dropout linear regulator with ON/OFF control, which can supply 100mA load
current. The IC is an integrated circuit with a silicon monolithic bipolar structure. The output voltage, trimmed
with high accuracy, is available from 1.3 to 5.0V in 0.1V steps. The output capacitor is available to use a small
0.22μF ceramic capacitor. The over current, thermal and reverse bias protections are integrated, and also the
package is small and thin type. The IC is designed for space saving requirements.
2. Feature
Available to use a small 0.22μF ceramic capacitor
Dropout Voltage
VDROP=160mV at 100mA
Output Current
100mA
High Precision output voltage
1.5% or 50mV
High ripple rejection ratio
80dB at 1kHz
70dB at 10kHz
Wide operating voltage range
2.1V to 14.0V
Very low quiescent current
IQUT=75A at IOUT=0mA
On/Off control (High active)
Built-in Short circuit protection, thermal shutdown
Built-in reverse bias over current protection
Available very low noise application
Very small surface mount package
SOT23-5
3. Application
Automotive accessory equipment
Any Electronic Equipment
Battery Powered Systems
Mobile Communication
AP1153ADSXX
14V Input / 100mA Output LDO Regulator


Similar Part No. - AP1153ADS26

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADS26 HUAXINAN-AP1153ADS26 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS26 AKM-AP1153ADS26 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS26

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com