Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HG-106R Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # HG-106R
Description  Shipped in packet-tape reel(4,000pcs per reel)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

HG-106R Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  HG-106R Datasheet HTML 1Page - Asahi Kasei Microsystems HG-106R Datasheet HTML 2Page - Asahi Kasei Microsystems HG-106R Datasheet HTML 3Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HG-106R
●Characteristic Curves
V
H-B
Rin-T
Vos(Vu)-T(For reference only)
600
500
400
300
200
100
0
Magnetic Flux Density
:B [mT]
0
100
200
300
※Magnetic Flux Density
1[mT]=10[G]
800
700
600
500
400
300
200
100
0
Ambient Temperature
:Ta [℃]
100
150
050
–50
Ambient Temperature
:Ta [℃]
150
-50
0
50
100
8
7
6
5
4
3
2
1
0
lc =10 [mA]
Vc = 6 [V]
Ta =25 [℃]
•Please be aware that our products are not intended for use in life support equipment, devices, or systems. Use of our products in such applications requires the
advance written approval of our sales staff.
Certain applications using semiconductor devices may involve potential risks of personal injury, property damage, or loss of life. In order to minimize these risks,
adequate design and operating safeguards should be provided by the customer to minimize inherent or procedural hazards. Inclusion of our products in such
applications is understood to be fully at the risk of the customer using our devices or systems.
Handling precautions required for preventing electrostatic discharge.
This product contains galium arsenide
(GaAs).Handling and discarding precautions required.
b
g
h
i
c
k
Vos(Vu)-Vc, Vos(Vu)-Ic(For reference only)
Input Current
:Ic [mA]
Input Voltage
:Vc [V]
02
4
6
8
10
15
10
5
0
Ic const
Vc const
Ic
Vc
Ic
Vc
Ic
Vc,
In This Example : Rin=600〔Ω〕, Vos=6.3〔mV〕, [Vc=6〔V〕]
Ic const
Vc const
B = 0 [mT]
Ta = 25 [℃]
Ic const
Vc const
lc =10 [mA]
Vc = 6 [V]
B = 0 [mT]
V
H-V
c,VH-Ic
V
H-T
120
100
80
60
40
20
0
−50
50
100
150
0
Ic
Vc
Ambient Temperature:Ta[℃]
120
100
80
40
20
60
0
24
68
10
0
Ic
Vc
Input Current:Ic[mA]
Input Voltage:Vc[V]
Ic const
Vc const
Ic const
Vc const
lc =10 [mA]
Vc = 6 [V]
B =50 [mT]
B =50 [mT]
Ta =25 [℃]


Similar Part No. - HG-106R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
HG-106A AKM-HG-106A Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
logo
List of Unclassifed Man...
HG-106C ETC-HG-106C Datasheet
36Kb / 2P
   High-stability GaAs Hall element
logo
Asahi Kasei Microsystem...
HG-106C AKM-HG-106C Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-106C-2U AKM-HG-106C-2U Datasheet
915Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-106C AKM-HG-106C_13 Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
More results

Similar Description - HG-106R

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
HW-108A AKM-HW-108A_13 Datasheet
916Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-186A AKM-HG-186A Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-176A AKM-HG-176A Datasheet
919Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-106C-2U AKM-HG-106C-2U Datasheet
915Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-166A AKM-HG-166A Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
logo
List of Unclassifed Man...
HQ-0611 ETC2-HQ-0611 Datasheet
51Kb / 2P
   Shipped in packet-tape reel(4,000pcs per reel)
logo
Asahi Kasei Microsystem...
HG-176A AKM-HG-176A_13 Datasheet
919Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
HG-106C AKM-HG-106C_13 Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
logo
List of Unclassifed Man...
HG-176A ETC1-HG-176A Datasheet
97Kb / 2P
   Shipped in packet-tape reel(4,000pcs per reel)
logo
Asahi Kasei Microsystem...
HG-106A AKM-HG-106A Datasheet
918Kb / 3P
   Shipped in packet-tape reel(4,000pcs per reel)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com