Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6043CD Datasheet(PDF) 4 Page - Texas Instruments

Part # THS6043CD
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6043CD Datasheet(HTML) 4 Page - Texas Instruments

  THS6043CD Datasheet HTML 1Page - Texas Instruments THS6043CD Datasheet HTML 2Page - Texas Instruments THS6043CD Datasheet HTML 3Page - Texas Instruments THS6043CD Datasheet HTML 4Page - Texas Instruments THS6043CD Datasheet HTML 5Page - Texas Instruments THS6043CD Datasheet HTML 6Page - Texas Instruments THS6043CD Datasheet HTML 7Page - Texas Instruments THS6043CD Datasheet HTML 8Page - Texas Instruments THS6043CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, TA = 25°C,
VCC = ±12 V, R(FEEDBACK) = 750 Ω, RL = 100 Ω (unless otherwise noted) (continued)
dc performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input offset voltage
TA = 25°C
9.5
16
Input offset voltage
TA = full range
21
mV
VOS
Differential offset voltage
VCC = ± 6 V, ± 12 V TA = 25°C
1
5
mV
VOS
Differential offset voltage
VCC ± 6 V, ± 12 V
TA = full range
7
Offset drift
TA = full range
20
µV/°C
Input bias current
TA = 25°C
3.5
10
– Input bias current
TA = full range
12
I
+ Input bias current
V
±6V ±12 V
TA = 25°C
1
5
A
IIB
+ Input bias current
VCC = ±6 V, ±12 V
TA = full range
6
µA
Differential input bias current
TA = 25°C
3.5
10
Differential input bias current
TA = full range
12
ZOL
Open-loop transimpedance
RL = 1 kΩ
VCC = ±6 V, ±12 V
1
M
input characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V
±12 V
TA = 25°C
±9.6 ±10.1
V
Input common mode voltage range
VCC = ±12 V
TA = full range
±9.5
V
VICR
Input common-mode voltage range
V
±6V
TA = 25°C
±3.7
±4.2
V
VCC = ±6V
TA = full range
±3.6
CMRR
Common mode rejection ratio
V
±6V ±12 V
TA = 25°C
59
68
V
CMRR
Common-mode rejection ratio
VCC = ±6 V, ±12 V
TA = full range
55
V
R
Input resistance
+ Input
1.5
M
RI
Input resistance
– Input
15
Ci
Input capacitance
2
pF
output characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R25
VCC = ±12 V
±7.5
±9.1
V
Output voltage swing
Single ended
RL = 25 Ω
VCC = ±6 V
±4.1
±4.6
V
VO
Output voltage swing
Single ended
100-mV overdrive
R
100
VCC = ±12 V
±10.3 ±10.8
V
RL = 100 Ω
VCC = ±6 V
±4.5
±4.9
I
Output current
RL = 25 Ω,
VCC = ± 12 V
300
350
mA
IO
Output current
RL = 10 Ω,
VCC = ±6 V
230
260
mA
IOS
Short-circuit current
RL = 0 Ω,
VCC = ±12 V
400
mA
ro
Output resistance
Open loop
15


Similar Part No. - THS6043CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6043CD TI1-THS6043CD Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
More results

Similar Description - THS6043CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
[Old version datasheet]   175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
[Old version datasheet]   275mA, 12 V ADSL CPE LINE DRIBERS
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Bel Fuse Inc.
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
   ADSL CPE Hybrid
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
   ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
   ADSL Magnetics GlobeSpan ADSL DMT CPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com