Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W39L040Q-70B Datasheet(PDF) 4 Page - Winbond

Part # W39L040Q-70B
Description  512 K X 8 CMOS FLASH MEMORY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W39L040Q-70B Datasheet(HTML) 4 Page - Winbond

  W39L040Q-70B Datasheet HTML 1Page - Winbond W39L040Q-70B Datasheet HTML 2Page - Winbond W39L040Q-70B Datasheet HTML 3Page - Winbond W39L040Q-70B Datasheet HTML 4Page - Winbond W39L040Q-70B Datasheet HTML 5Page - Winbond W39L040Q-70B Datasheet HTML 6Page - Winbond W39L040Q-70B Datasheet HTML 7Page - Winbond W39L040Q-70B Datasheet HTML 8Page - Winbond W39L040Q-70B Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
W39L040
- 4 -
The manufacturer and device codes may also be read via the command register, for instance, when
the W39L040 is erased or programmed in a system without access to high voltage on the A9 pin. The
command sequence is illustrated in "Auto-select Codes".
Byte 0 (A0 = VIL) represents the manufacturer
′s code (Winbond = DAH) and byte 1 (A0 = VIH) the
device identifier code (W39L040 = B6hex). All identifiers for manufacturer and device will exhibit odd
parity with DQ7 defined as the parity bit. In order to read the proper device codes when executing the
Auto-select, A1 must be low state.
Data Protection
The W39L040 is designed to offer protection against accidental erasure or programming caused by
spurious system level signals that may exist during power transitions. During power up the device
automatically resets the internal state machine in the Read mode. Also, with its control register
architecture, alteration of the memory contents only occurs after successful completion of specific
multi-bus cycle command sequences. The device also incorporates several features to prevent
inadvertent write cycles resulting from VDD power-up and power-down transitions or system noise.
Boot Block Operation
There are four alternatives to set the boot block. Either 16K-byte or 64K-byte in the top/bottom
location of this device can be locked as boot block, which can be used to store boot codes. It is
located in the last 16K/64K bytes or first 16K/64K bytes of the memory with the address range from
7C000/ 70000(hex) to 7FFFF(hex) for top location or 00000(hex) to 03FFF/0FFFF(hex) for bottom
location.
See Command Codes for Boot Block Lockout Enable for the specific code. Once this feature is set the
data for the designated block cannot be erased or programmed (programming lockout), other memory
locations can be changed by the regular programming method.
In order to detect whether the boot block feature is set on the first/last 16K/64K-bytes block or not,
users can perform software command sequence: enter the product identification mode (see
Command Codes for Identification/Boot Block Lockout Detection for specific code), and then read
from address 0002(hex) for first (bottom) location or 7FFF2(hex) for last (top) location. If the DQ0/DQ1
of output data is "0/1," the 16K-bytes boot block programming lockout feature will be activated; if the
DQ0/DQ1 of output data is "1/1," the 64K-bytes boot block programming lockout feature will be
activated. If the DQ0/DQ1 of output data is "0/0," for both 16K/64K-bytes boot block, the lockout
feature will be inactivated and the block can be erased/programmed.
To return to normal operation, perform a three-byte command sequence (or an alternate single-byte
command) to exit the identification mode. For the specific code, see Command Codes for
Identification/Boot Block Lockout Detection.
Low VDD Inhibit
To avoid initiation of a write cycle during VDD power-up and power-down, the W39L040 locks out
when VDD < 2.0V (see DC Characteristics section for voltages). The write and read operations are
inhibited when VDD is less than 2.0V typical. The W39L040 ignores all write and read operations until
VDD > 2,0V. The user must ensure that the control pins are in the correct logic state when VDD > 2.0V
to prevent unintentional writes.
Write Pulse "Glitch" Protection
Noise pulses of less than 10 nS (typical) on #OE, #CE, or #WE will not initiate a write cycle.


Similar Part No. - W39L040Q-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A70B WINBOND-W39L040A70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040A90B WINBOND-W39L040A90B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70B WINBOND-W39L040AP70B Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
W39L040AP70Z WINBOND-W39L040AP70Z Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
More results

Similar Description - W39L040Q-70B

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
   FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Winbond
W29C512A WINBOND-W29C512A Datasheet
265Kb / 20P
   64 K x 8 CMOS FLASH MEMORY
logo
ELAN Microelectronics C...
EM25LV512 EMC-EM25LV512 Datasheet
394Kb / 30P
   512 K (64K x 8) Bits Serial Flash Memory
logo
Advanced Micro Devices
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM29LV004 AMD-AM29LV004 Datasheet
455Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV004B AMD-AM29LV004B Datasheet
39Kb / 6P
   4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29BL802C SPANSION-AM29BL802C Datasheet
768Kb / 46P
   8 Megabit (512 K x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com