Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS49 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AP1153ADS49
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS49 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AP1153ADS49 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1153ADS49 Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 10 -
2015/01
Table 5. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 50mA
Iout = 100mA
min
typ
max
typ
max
typ
max
V
V
V
V
V
mV
mV
AP1153ADS18
1.720
1.800
1.880
5
14
11
29
AP1153ADS21
2.020
2.100
2.180
5
14
12
31
AP1153ADS28
2.720
2.800
2.880
6
16
14
37
AP1153ADS30
2.920
3.000
3.080
6
17
15
38
AP1153ADS33
3.217
3.300
3.383
7
18
16
40
AP1153ADS50
4.875
5.000
5.125
9
22
21
55
Table 6. Optional Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 50mA
Iout = 100mA
min
typ
max
typ
max
typ
max
V
V
V
V
V
mV
mV
AP1153ADS13
1.220
1.300
1.380
5
12
10
25
AP1153ADS14
1.320
1.400
1.480
5
12
10
26
AP1153ADS15
1.420
1.500
1.580
5
13
10
27
AP1153ADS16
1.520
1.600
1.680
5
13
11
28
AP1153ADS17
1.620
1.700
1.780
5
13
11
28
AP1153ADS19
1.820
1.900
1.980
5
14
11
30
AP1153ADS20
1.920
2.000
2.080
5
14
12
31
AP1153ADS22
2.120
2.200
2.280
6
15
12
32
AP1153ADS23
2.220
2.300
2.380
6
15
13
33
AP1153ADS24
2.320
2.400
2.480
6
15
13
34
AP1153ADS25
2.420
2.500
2.580
6
16
13
34
AP1153ADS26
2.520
2.600
2.680
6
16
14
35
AP1153ADS27
2.620
2.700
2.780
6
16
14
36
AP1153ADS29
2.820
2.900
2.980
6
17
15
37
AP1153ADS31
3.020
3.100
3.180
7
17
15
39
AP1153ADS32
3.120
3.200
3.280
7
17
16
40
AP1153ADS34
3.312
3.400
3.488
7
18
16
41
AP1153ADS35
3.412
3.500
3.588
7
18
16
42
AP1153ADS36
3.510
3.600
3.690
7
19
17
43
AP1153ADS37
3.605
3.700
3.795
7
19
17
43
AP1153ADS38
3.705
3.800
3.895
7
19
17
44
AP1153ADS39
3.805
3.900
3.995
8
19
18
45
AP1153ADS40
3.900
4.000
4.100
8
20
18
46
AP1153ADS41
3.986
4.100
4.214
8
20
18
47
AP1153ADS42
4.085
4.200
4.315
8
20
19
48
AP1153ADS43
4.184
4.300
4.416
8
20
19
49
AP1153ADS44
4.283
4.400
4.517
8
21
19
50
AP1153ADS45
4.382
4.500
4.618
8
21
20
50
AP1153ADS46
4.481
4.600
4.719
8
21
20
51
AP1153ADS47
4.580
4.700
4.820
8
22
20
52
AP1153ADS48
4.679
4.800
4.921
9
22
21
54
AP1153ADS49
4.777
4.900
5.023
9
20
21
54


Similar Part No. - AP1153ADS49

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADS49 HUAXINAN-AP1153ADS49 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS49 AKM-AP1153ADS49 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS49

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com