Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM4EP72CJN Datasheet(PDF) 4 Page - Texas Instruments

Part # TM4EP72CJN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TM4EP72CJN Datasheet(HTML) 4 Page - Texas Instruments

  TM4EP72CJN Datasheet HTML 1Page - Texas Instruments TM4EP72CJN Datasheet HTML 2Page - Texas Instruments TM4EP72CJN Datasheet HTML 3Page - Texas Instruments TM4EP72CJN Datasheet HTML 4Page - Texas Instruments TM4EP72CJN Datasheet HTML 5Page - Texas Instruments TM4EP72CJN Datasheet HTML 6Page - Texas Instruments TM4EP72CJN Datasheet HTML 7Page - Texas Instruments TM4EP72CJN Datasheet HTML 8Page - Texas Instruments TM4EP72CJN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TM4EP64BJN, TM4EP64BPN, TM4EP64CJN, TM4EP64CPN 4194304 BY 64-BIT
TM4EP72BJN, TM4EP72BPN, TM4EP72CJN, TM4EP72CPN 4194304 BY 72-BIT
EXTENDED-DATA-OUT DYNAMIC RAM MODULES
SMMS682A – AUGUST 1997– REVISED MARCH 1998
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
dual-in-line memory module and components
The dual-in-line memory module and components include:
D PC substrate: 1,27 " 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
D Bypass capacitors: Multilayer ceramic
D Contact area: Nickel plate and gold plate over copper
functional block diagram for the TM4EP64xxN
CAS
OE
W
RAS
U0
RAS0
WE0
OE0
CAS0
DQ[0:3]
CAS
OE
W
RAS
UB0
RAS2
WE2
OE2
CAS4
DQ[32:35]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U1
DQ[4:7]
CAS
OE
W
RAS
UB1
DQ[36:39]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U2
CAS1
DQ[8:11]
CAS
OE
W
RAS
UB2
CAS5
DQ[40:43]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U3
DQ[12:15]
CAS
OE
W
RAS
UB3
DQ[44:47]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U4
CAS2
DQ[16:19]
CAS
OE
W
RAS
UB4
CAS6
DQ[48:51]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U5
DQ[20:23]
CAS
OE
W
RAS
UB5
DQ[52:55]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U6
CAS3
DQ[24:27]
CAS
OE
W
RAS
UB6
CAS7
DQ[56:59]
DQ[0:3]
DQ[0:3]
CAS
OE
W
RAS
U7
DQ[28:31]
CAS
OE
W
RAS
UB7
DQ[60:63]
DQ[0:3]
DQ[0:3]
A[0:11]
A[0:11]† : U[0:7], UB[0:7]
TM4EP64xxN:
VDD
VSS
Two 0.1
µF
(minimum) per
DRAM
U[0:7], UB[0:7]
U[0:7], UB[0:7]
SPD EEPROM
SA0 SA1 SA2
A0
A1
A2
SCL
SDA
† A11 is not used in TM4EP64BxN


Similar Part No. - TM4EP72CJN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP72CJB TI1-TM4EP72CJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
More results

Similar Description - TM4EP72CJN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM497FBK32H TI1-TM497FBK32H Datasheet
209Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com