Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877TD Datasheet(PDF) 9 Page - Winbond

Part # W83877TD
Description  I/O chip disk drive adapter
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877TD Datasheet(HTML) 9 Page - Winbond

Back Button W83877TD Datasheet HTML 5Page - Winbond W83877TD Datasheet HTML 6Page - Winbond W83877TD Datasheet HTML 7Page - Winbond W83877TD Datasheet HTML 8Page - Winbond W83877TD Datasheet HTML 9Page - Winbond W83877TD Datasheet HTML 10Page - Winbond W83877TD Datasheet HTML 11Page - Winbond W83877TD Datasheet HTML 12Page - Winbond W83877TD Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 154 page
background image
W83877TF
Publication Release Date: March 1998
- 46 -
Version 0.61
3.2.6 Interrupt Status Register (ISR) (Read only)
This register reflects the UART interrupt status, which is encoded by different interrupt sources into 3
bits.
1
2
3
4
5
6
7
0
0 if interrupt pending
Interrupt Status bit 0
Interrupt Status bit 1
Interrupt Status bit 2
FIFOs enabled
FIFOs enabled
0
0
Bit 7, 6: These two bits are set to a logical 1 when UFR bit 0 = 1.
Bit 5, 4: These two bits are always logic 0.
Bit 3: In 16450 mode, this bit is 0. In 16550 mode, both bit 3 and 2 are set to a logical 1 when a time-
out interrupt is pending.
Bit 2, 1: These two bits identify the priority level of the pending interrupt, as shown in the table below.
Bit 0: This bit is a logical 1 if there is no interrupt pending. If one of the interrupt sources has
occurred, this bit will be set to a logical 0.
TABLE 3-4 INTERRUPT CONTROL FUNCTION
ISR
INTERRUPT SET AND FUNCTION
Bit
3
Bit
2
Bit
1
Bit
0
Interrupt
priority
Interrupt Type
Interrupt Source
Clear Interrupt
0
0
0
1
-
-
No Interrupt pending
-
0
1
1
0
First
UART Receive
Status
1. OER = 1
2. PBER =1
3. NSER = 1 4. SBD = 1
Read USR
0
1
0
0
Second
RBR Data Ready
1. RBR data ready
2. FIFO interrupt active level
reached
1. Read RBR
2. Read RBR until FIFO
data under active level
1
1
0
0
Second
FIFO Data Timeout
Data present in RX FIFO for 4
characters period of time since last
access of RX FIFO.
Read RBR
0
0
1
0
Third
TBR Empty
TBR empty
1. Write data into TBR
2. Read ISR (if priority is
third)
0
0
0
0
Fourth
Handshake status
1. TCTS = 1
2. TDSR = 1
3. FERI = 1
4. TDCD = 1
Read HSR
** Bit 3 of ISR is enabled when bit 0 of UFR is logical 1.


Similar Part No. - W83877TD

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877TD WINBOND-W83877TD Datasheet
968Kb / 154P
   WINBOND I/O
More results

Similar Description - W83877TD

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
   Digital Tube Display Drive I/O Extended chip
logo
NHP Electrical Engineer...
1794-ACN15 NHP-1794-ACN15 Datasheet
627Kb / 1P
   FLEX I/O CNET ADAPTER
7 June 2023,
1794-ADN NHP-1794-ADN Datasheet
657Kb / 1P
   FLEX I/O DNET ADAPTER
7 June 2023,
1719-AENTR NHP-1719-AENTR Datasheet
476Kb / 1P
   Ex I/O EtherNet/IP Adapter
8 June 2023,
logo
Winbond
W83757 WINBOND-W83757 Datasheet
1Mb / 29P
   SUPER I/O CHIP
logo
NHP Electrical Engineer...
1794-AENTR NHP-1794-AENTR Datasheet
664Kb / 1P
   FLEX I/O ENET ADAPTER DUAL PORT
7 June 2023,
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
   DISK DRIVE FEMALE HOUSING
DDH-XX ADAM-TECH-DDH-XX Datasheet
80Kb / 1P
   DISK DRIVE MALE HOUSING
DDH-XXA ADAM-TECH-DDH-XXA Datasheet
83Kb / 1P
   DISK DRIVE POWER CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com