Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ9.0 Datasheet(PDF) 3 Page - Dc Components

Part # SMDJ9.0
Description  RECTIFIER SPECIALISTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMDJ9.0 Datasheet(HTML) 3 Page - Dc Components

  SMDJ9.0 Datasheet HTML 1Page - Dc Components SMDJ9.0 Datasheet HTML 2Page - Dc Components SMDJ9.0 Datasheet HTML 3Page - Dc Components SMDJ9.0 Datasheet HTML 4Page - Dc Components SMDJ9.0 Datasheet HTML 5Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
R
DC COMPONENTS CO., LTD.
SMDJ (3000W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
SMDJ5.0
5.0
6.40
7.30
10
1000
2000
9.6
312.50
SMDJ5.0A
5.0
6.40
7.00
10
1000
2000
9.2
326.09
SMDJ6.0
6.0
6.67
8.15
10
1000
2000
11.4
263.16
SMDJ6.0A
6.0
6.67
7.37
10
1000
2000
10.3
291.26
SMDJ6.5
6.5
7.22
8.82
10
500
1000
12.3
243.90
SMDJ6.5A
6.5
7.22
7.98
10
500
1000
11.2
267.86
SMDJ7.0
7.0
7.78
9.51
10
200
400
13.3
225.56
SMDJ7.0A
7.0
7.78
8.60
10
200
400
12.0
250.00
SMDJ7.5
7.5
8.33
10.20
1
100
200
14.3
209.79
SMDJ7.5A
7.5
8.33
9.21
1
100
100
15.0
232.56
SMDJ8.0
8.0
8.89
10.90
1
50
100
15.0
200.00
SMDJ8.0A
8.0
8.89
9.83
1
50
100
13.6
220.59
SMDJ8.5
8.5
9.44
11.50
1
25
50
15.9
188.68
SMDJ8.5A
8.5
9.44
10.40
1
25
50
14.4
208.33
SMDJ9.0
9.0
10.00
12.20
1
10
20
16.9
177.51
SMDJ9.0A
9.0
10.00
11.10
1
10
20
15.4
194.81
SMDJ10
10
11.10
13.60
1
5
18.8
159.57
SMDJ10A
10
11.10
12.30
1
5
17.0
176.47
SMDJ11
11
12.20
14.90
1
5
20.1
149.25
SMDJ11A
11
12.20
13.50
1
5
18.2
164.84
SMDJ12
12
13.30
16.30
1
5
22.0
136.36
SMDJ12A
12
13.30
14.70
1
5
19.9
150.75
SMDJ13
13
14.40
17.60
1
5
23.8
126.05
SMDJ13A
13
14.40
15.90
1
5
21.5
139.53
SMDJ14
14
15.60
19.10
1
5
25.8
116.28
SMDJ14A
14
15.60
17.20
1
5
23.2
129.31
SMDJ15
15
16.70
20.40
1
5
26.9
111.52
SMDJ15A
15
16.70
18.50
1
5
24.4
122.95
SMDJ16
16
17.80
21.80
1
5
28.8
104.17
SMDJ16A
16
17.80
19.70
1
5
26.0
115.38
SMDJ17
17
18.90
23.10
1
5
30.5
98.36
SMDJ17A
17
18.90
20.90
1
5
27.6
108.70
SMDJ18
18
20.00
24.40
1
5
32.2
93.17
SMDJ18A
18
20.00
22.10
1
5
29.2
102.74
SMDJ19
19
21.13
25.76
1
5
34.0
88.21
SMDJ19A
19
21.13
23.30
1
5
30.8
97.47
SMDJ20
20
22.20
27.10
1
5
35.8
83.80
SMDJ20A
20
22.20
24.50
1
5
32.4
92.59
SMDJ22
22
24.40
29.80
1
5
39.4
76.14
SMDJ22A
22
24.40
26.90
1
5
35.5
84.51
SMDJ24
24
26.70
32.60
1
5
43.0
69.77
SMDJ24A
24
26.70
29.50
1
5
38.9
77.12
SMDJ26
26
28.90
35.30
1
5
46.6
64.38
SMDJ26A
26
28.90
31.90
1
5
42.1
71.26
SMDJ28
28
31.10
38.00
1
5
50.0
60.00
SMDJ28A
28
31.10
34.40
1
5
45.4
66.08
SMDJ30
30
33.30
40.70
1
5
53.5
56.07
SMDJ30A
30
33.30
36.80
1
5
48.4
61.98
SMDJ33
33
36.70
44.90
1
5
59.0
50.85
SMDJ33A
33
36.70
40.60
1
5
53.3
56.29
SMDJ36
36
40.00
48.90
1
5
64.3
46.66
SMDJ36A
36
40.00
44.20
1
5
58.1
51.64
Reverse
Stand-off
Voltage
Breakdown
Voltage
@ IT
Test
Current
IT
VRWM
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@ IPP
Maximum
Peak
Pulse
Current
VBR
V
Min.
Max.
V
V
mA
µA
µA
UNI-
BI-
IR
VC
IPP
V
A
TYPE


Similar Part No. - SMDJ9.0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ9.0 ETC1-SMDJ9.0 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ9.0 FS-SMDJ9.0 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ9.0 SOCAY-SMDJ9.0 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
UN Semiconducctor INC
SMDJ9.0 UNSEMI-SMDJ9.0 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ9.0 SOCAY-SMDJ9.0 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ9.0

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com