Electronic Components Datasheet Search |
|
THS6043EVM Datasheet(PDF) 1 Page - Texas Instruments |
|
THS6043EVM Datasheet(HTML) 1 Page - Texas Instruments |
1 / 33 page THS6042, THS6043 350 mA, ±12 V ADSL CPE LINE DRIVERS SLOS264G – MARCH 2000 – REVISED DECEMBER 2001 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Remote Terminal ADSL Line Driver – Ideal for Both Full Rate ADSL and G.Lite – Compatible With 1:1 Transformer Ratio D Low 2.1 pA/√Hz Noninverting Current Noise – Reduces Noise Feedback Through Hybrid Into Downstream Channel D Wide Supply Voltage Range ±5 V to ±15 V – Ideal for ±12-V Operation D Wide Output Swing – 43-Vpp Differential Output Voltage, RL = 200 Ω, ±12-V Supply D High Output Current – 350 mA (typ) D High Speed – 120 MHz (–3 dB, G=1, ±12 V, RL = 25 Ω) – 1200 V/ µs Slew Rate (G = 4, ±12 V) D Low Distortion, Single-Ended, G = 4 – –79 dBc (250 kHz, 2 Vpp, 100-Ω load) D Low Power Shutdown (THS6043) – 300- µA Total Standby Current D Thermal Shutdown and Short-Circuit Protection D Standard SOIC, SOIC PowerPAD and TSSOP PowerPAD Package D Evaluation Module Available 1 2 3 4 8 7 6 5 D1 OUT D1 IN– D1 IN+ VCC– VCC+ D2 OUT D2 IN– D2 IN+ THS6042 SOIC (D) AND SOIC PowerPAD (DDA) PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 D1 OUT D1 IN– D1 IN+ VCC– N/C GND N/C VCC+ D2 OUT D2 IN– D2 IN+ N/C SHUTDOWN N/C THS6043 SOIC (D) AND TSSOP PowerPAD (PWP) PACKAGE (TOP VIEW) description The THS6042/3 is a high-speed line driver ideal for driving signals from the remote terminal to the central office in asymmetrical digital subscriber line (ADSL) applications. It can operate from a ±12-V supply voltage while drawing only 8.2 mA of supply current per channel. It offers low –79 dBc total harmonic distortion driving a 100- Ω load (2 Vpp). The THS6042/3 offers a high 43-Vpp differential output swing across a 200- Ω load from a ±12-V supply. The THS6043 features a low-power shutdown mode, consuming only 300 µA quiescent current per channel. The THS6042/3 is packaged in standard SOIC, SOIC PowerPAD, and TSSOP PowerPAD packages. _ + +12 V 750 Ω VI+ _ + –12 V 750 Ω VI– 50 Ω 1:1 15.7 dBm Delivered to Telephone Line 50 Ω THS6042 Driver 1 THS6042 Driver 2 100 Ω 210 Ω 0.68 µF RELATED PRODUCTS DEVICE THS6052/3 THS6092/3 OPA2677 THS6062 DESCRIPTION 175-mA, ±12 ADSL CPE line driver 275-mA, +12 V ADSL CPE line driver 380-mA, +12 V ADSL CPE line driver ±15 V to ± 5 V Low noise ADSL receiver ±6 V to 5 V Low noise ADSL receiver OPA2822 Copyright 2001, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PowerPAD is a trademark of Texas Instruments. |
Similar Part No. - THS6043EVM |
|
Similar Description - THS6043EVM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |