Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F512A-15C3FML Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F512A-15C3FML
Description  65536 BY 8-BIT FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F512A-15C3FML Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F512A-15C3FML Datasheet HTML 1Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 2Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 3Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 4Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 5Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 6Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 7Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 8Page - Texas Instruments TMS28F512A-15C3FML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TMS28F512A
65536 BY 8-BIT
FLASH MEMORY
SMJS514C – FEBRUARY 1994 – REVISED AUGUST 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization . . . 65536 by 8 Bits
D All Inputs/Outputs TTL-Compatible
D VCC Tolerance ±10%
D Maximum Access / Minimum Cycle Time
’28F512A-10
100 ns
’28F512A-12
120 ns
’28F512A-15
150 ns
’28F512A-17
170 ns
D Industry-Standard Programming Algorithm
D 10000 and 1000 Program/Erase Cycles
D Latchup Immunity of 250 mA on all Input
and Output Lines
D Low Power Dissipation (VCC = 5.5 V)
– Active Write . . . 55 mW
– Active Read... 165 mW
– Electrical Erase... 82.5 mW
– Standby... 0.55 mW
(CMOS-Input Levels)
D Automotive Temperature Range
– 40
°C to 125°C
description
The TMS28F512A Flash memory is a 65 536 by
8-bit
(524 288-bit),
programmable
read-only
memory that can be electrically bulk-erased and
reprogrammed. It is available in 10 000 and 1 000
program / erase endurance cycle versions.
The TMS28F512A is offered in a 32-lead plastic
leaded
chip-carrier
package
with
1,25-mm
(50-mil) lead spacing (FM suffix).
The TMS28F512A is characterized for operation
in temperature ranges of 0
°C to 70°C (FML suffix),
–40
°C to 85°C (FME suffix), and –40°C to 125°C
( FMQ suffix).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PIN NOMENCLATURE
A0 – A15
Address Inputs
DQ0 – DQ7
Inputs (programming) / Outputs
E
Chip Enable
G
Output Enable
NC
No Internal Connection
VCC
5-V Power Supply
VPP
12-V Power Supply
V
SS
Ground
W
Write Enable
FM PACKAGE
( TOP VIEW )
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19 20
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS28F512A-15C3FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F002AEB TI1-TMS28F002AEB Datasheet
1Mb / 79P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AET TI-TMS28F002AET Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFB TI-TMS28F002AFB Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT TI-TMS28F002AFT Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AFT70BDCDL TI-TMS28F002AFT70BDCDL Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F512A-15C3FML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F210 TI-TMS28F210 Datasheet
367Kb / 25P
[Old version datasheet]   65536 BY 16-BIT FLASH MEMORY
TMS29F040 TI-TMS29F040 Datasheet
482Kb / 37P
[Old version datasheet]   524288 BY 8-BIT FLASH MEMORY
TMS28F020 TI-TMS28F020 Datasheet
312Kb / 21P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORY
TMS29F010 TI-TMS29F010 Datasheet
465Kb / 36P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
SMJ28F010B TI-SMJ28F010B Datasheet
335Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS27PC512-25NL TI-TMS27PC512-25NL Datasheet
198Kb / 13P
[Old version datasheet]   TMS27C512 65 536 BY 8-BIT UV ERASABLE TMS27PC512 65536 BY 8-BIT
logo
Mitsubishi Electric Sem...
M5M28F101AFP MITSUBISHI-M5M28F101AFP Datasheet
96Kb / 10P
   1048576-BIT (131072-WORD BY 8-BIT) CMOS FLASH MEMORY
M5M5165P MITSUBISHI-M5M5165P Datasheet
394Kb / 6P
   65536-BIT (8192-WORD BY 8-BIT) CMOS STATIC RAM
logo
Texas Instruments
TMS27C512 TI-TMS27C512 Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com