Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR16C2850CP40 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR16C2850CP40
Description  3.3V AND 5V DUART WITH 128-BYTE FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C2850CP40 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR16C2850CP40 Datasheet HTML 2Page - Exar Corporation XR16C2850CP40 Datasheet HTML 3Page - Exar Corporation XR16C2850CP40 Datasheet HTML 4Page - Exar Corporation XR16C2850CP40 Datasheet HTML 5Page - Exar Corporation XR16C2850CP40 Datasheet HTML 6Page - Exar Corporation XR16C2850CP40 Datasheet HTML 7Page - Exar Corporation XR16C2850CP40 Datasheet HTML 8Page - Exar Corporation XR16C2850CP40 Datasheet HTML 9Page - Exar Corporation XR16C2850CP40 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
áç
áç
áç
áç
3.3V AND 5V DUART WITH 128-BYTE FIFO
XR16C2850
REV. 2.0.0
6
1.0
PRODUCT DESCRIPTION
The XR16C2850 (2850) integrates the functions of 2
enhanced 16C550 Universal Asynchrounous Receiv-
er and Transmitter (UART). Each UART is indepen-
dently controlled having its own set of device configu-
ration registers. The configuration registers set is
16550 UART compatible for control, status and data
transfer. Additionally, each UART channel has 128-
bytes of transmit and receive FIFOs, automatic RTS/
CTS hardware flow control with hysteresis control,
automatic Xon/Xoff and special character software
flow control, programmable transmit and receive
FIFO trigger levels, FIFO level counters, infrared en-
coder and decoder (IrDA ver 1.0), programmable
baud rate generator with a prescaler of divide by 1 or
4, and data rate up to 6.25 Mbps with 8X sampling
clock rate or 3.125Mbps in the 16X rate. The
XR16C2850 is a 5V and 3.3V device. The 2850 is
fabricated with an advanced CMOS process.
Enhanced Features
The 2850 DUART provides a solution that supports
128 bytes of transmit and receive FIFO memory, in-
stead of 64 bytes provided in the XR16L2750 and 16
bytes
in the ST16C2550, or one byte in the
ST16C2450. The 2850 is designed to work with high
performance data communication systems, that re-
quire fast data processing time. Increased perfor-
mance is realized in the 2850 by the larger transmit
and receive FIFOs, FIFO trigger level control, FIFO
level counters and automatic
flow control mecha-
nism. This allows the external processor to handle
more networking tasks within a given time. For exam-
ple, the ST16C2550 with a 16 byte FIFO, unloads 16
bytes of receive data in 1.53 ms (This example uses a
character length of 11 bits, including start/stop bits at
115.2Kbps). This means the external CPU will have
to service the receive FIFO at 1.53 ms intervals. How-
ever with the 128 byte FIFO in the 2850, the data
buffer will not require unloading/loading for 12.2 ms.
This increases the service interval giving the external
CPU additional time for other applications and reduc-
ing the overall UART interrupt servicing time. In addi-
tion, the programmable FIFO level trigger interrupt
and automatic hardware/software flow control is
uniquely provided for maximum data throughput per-
formance especially when operating in a multi-chan-
nel system. The combination of the above greatly re-
duces the CPU’s bandwidth requirement, increases
performance, and reduces power consumption.
The 2850 supports a half-duplex output direction con-
trol signaling pin, RTS# A/B, to enable and disable
the external RS-485 transceiver operation. It auto-
matically switches the logic state of the output pin to
the receive state after the last stop-bit of the last char-
acter has been shifted out of the transmitter. After re-
ceiving, the logic state of the output pin switches back
to the transmit state when a data byte is loaded in the
transmitter. The auto RS-485 direction control pin is
not activated after reset. To activate the direction con-
trol function, user has to set FCTR Bit-3 to “1”. This
pin is normally high for receive state, low for transmit
state.
Data Rate
The 2850 is capable of operation up to 3.125Mbps at
5V with 16x internal sampling clock rate, and
6.25Mbps at 5V with 8x sampling clock rate (available
only on the 48-pin package). The device can operate
with an external 24 MHz crystal on pins XTAL1 and
XTAL2, or external clock source of up to 50 MHz on
XTAL1 pin. With a typical crystal of 14.7464 MHz and
through a software option, the user can set the pres-
caler bit for data rates of up to 1.84Mbps.
The rich feature set of the 2850 is available through
the internal registers. Automatic hardware/software
flow control, selectable transmit and receive FIFO
trigger levels, selectable TX and RX baud rates, infra-
red encoder/decoder interface, modem interface con-
trols, and a sleep mode are all standard features.
Following a power on reset or an external reset, the
2850 is software compatible with previous generation
of UARTs, 16C450, 16C550 and 16C650Aas well as
the 16C850.


Similar Part No. - XR16C2850CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2850CP EXAR-XR16C2850CP Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
More results

Similar Description - XR16C2850CP40

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C2852 EXAR-XR16C2852 Datasheet
574Kb / 42P
   3.3V AND 5V DUART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V382 EXAR-XR28V382 Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR16V2751_0709 EXAR-XR16V2751_0709 Datasheet
1,016Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16M2751 EXAR-XR16M2751 Datasheet
1,023Kb / 52P
   HIGH PERFORMANCE DUART WITH 64-BYTE FIFO AND POWERSAVE
XR16V2550IL-0B EXAR-XR16V2550IL-0B Datasheet
972Kb / 46P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16V2552 EXAR-XR16V2552_07 Datasheet
1Mb / 48P
   HIGH PERFORMANCE DUART WITH 16-BYTE FIFO
XR16L2550 EXAR-XR16L2550_07 Datasheet
886Kb / 46P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com