Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TZLZ7 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C6414TZLZ7
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414TZLZ7 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C6414TZLZ7 Datasheet HTML 4Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 5Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 6Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 7Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 8Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 9Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 10Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 11Page - Texas Instruments TMS320C6414TZLZ7 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226J − NOVEMBER 2003 − REVISED JULY 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
functional block and CPU (DSP core) diagram
EMIF B
16
64
Test
C64x DSP Core
Data Path B
B Register File
B31−B16
B15−B0
Instruction Fetch
Instruction Dispatch
Advanced Instruction Packet
Instruction Decode
Data Path A
A Register File
A31−A16
A15−A0
Power-Down
Logic
.L1
.S1
.M1 .D1
.D2
.M2
.S2
.L2
SDRAM
FIFO
SBSRAM
SRAM
L1P Cache
Direct-Mapped
16K Bytes Total
Control
Registers
Control
Logic
L1D Cache
2-Way Set-Associative
16K Bytes Total
Advanced
In-Circuit
Emulation
Interrupt
Control
McBSPs:
Framing Chips:
H.100, MVIP,
SCSA, T1, E1
AC97 Devices,
SPI Devices,
Codecs
C64x Digital Signal Processor
Enhanced
DMA
Controller
(64-channel)
32
L2
Memory
1024K
Bytes
PLL
(x1, x6, x12,
and x20)
Timer 2
EMIF A
McBSP1‡
McBSP0
HPI‡
ZBT SRAM
Timer 1
Timer 0
McBSP2
Boot Configuration
Interrupt
Selector
16
ROM/FLASH
I/O Devices
PCI‡
or
GPIO[8:0]
UTOPIA‡
or
GPIO[15:9]‡
UTOPIA:
Up to 400 Mbps
Master ATMC
† VCP and TCP decoder coprocessors are applicable to the C6416T device only.
‡ For the C6415T and C6416T devices, the UTOPIA peripheral is muxed with McBSP1, and the PCI peripheral is muxed with the HPI
peripheral and the GPIO[15:9] port. For more details on the multiplexed pins of these peripherals, see the Device Configurations section
of this data sheet.
VCP†
TCP†


Similar Part No. - TMS320C6414TZLZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414TZLZ7 TI1-TMS320C6414TZLZ7 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TZLZ7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com