Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN0200T Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TN0200T
Description  N-Channel 20-V (D-S) MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TN0200T Datasheet(HTML) 3 Page - Vishay Siliconix

  TN0200T Datasheet HTML 1Page - Vishay Siliconix TN0200T Datasheet HTML 2Page - Vishay Siliconix TN0200T Datasheet HTML 3Page - Vishay Siliconix TN0200T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TN0200T/TS
Vishay Siliconix
Document Number: 70202
S-40277—Rev. F, 23-Feb-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
On-Resistance vs. Drain Current
Output Characteristics
Transfer Characteristics
VDS − Drain-to-Source Voltage (V)
VGS − Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
01
23
4
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
TC = −55_C
125_C
0, 0.5, 1 V
2.5 V
VGS = 5, 4.5, 4 V
1.5 V
2 V
0
50
100
150
200
250
0
4
8
12
16
20
0.7
0.9
1.1
1.3
1.5
1.7
−50
0
50
100
150
0
1
2
3
4
5
0
300
600
900
1200
1500
1800
2100
0.0
0.2
0.4
0.6
0.8
1.0
01
23
45
6
7
Gate Charge
Qg − Total Gate Charge (pC)
VDS − Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 10 V
ID = 0.6 A
ID − Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 4.5 V
ID = 0.6 A
TJ − Junction Temperature (_C)
VGS = 2.5 V
VGS = 4.5 V
3.5 V
3 V
25_C


Similar Part No. - TN0200T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0200T VISHAY-TN0200T Datasheet
32Kb / 1P
   Specification Comparison TN0200K vs. TN0200T
19-May-04
logo
VBsemi Electronics Co.,...
TN0200TS-T1-E3 VBSEMI-TN0200TS-T1-E3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - TN0200T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZ720DT VISHAY-SIZ720DT_V01 Datasheet
193Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
01-Jan-2022
SIZ710DT VISHAY-SIZ710DT Datasheet
175Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. A, 04-Oct-10
SIZ710DT VISHAY-SIZ710DT_12 Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
Rev. B, 28-Nov-11
logo
Vishay Telefunken
SIZ710DT TFUNK-SIZ710DT Datasheet
192Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ700DT VISHAY-SIZ700DT_V01 Datasheet
213Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
08-Feb-17
SIUD402ED VISHAY-SIUD402ED Datasheet
223Kb / 9P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
TN0200K VISHAY-TN0200K_07 Datasheet
97Kb / 5P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 18-Jun-07
SIZ700DT-T1-GE3 VISHAY-SIZ700DT-T1-GE3 Datasheet
208Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ720DT VISHAY-SIZ720DT Datasheet
194Kb / 14P
   N-Channel 20-V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ710DT VISHAY-SIZ710DT_V01 Datasheet
195Kb / 14P
   N-Channel 20 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com