Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1972 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1972
Description  Pot 2-Channel 78dB Audio Attenuator with Mute
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1972 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM1972 Datasheet HTML 1Page - National Semiconductor (TI) LM1972 Datasheet HTML 2Page - National Semiconductor (TI) LM1972 Datasheet HTML 3Page - National Semiconductor (TI) LM1972 Datasheet HTML 4Page - National Semiconductor (TI) LM1972 Datasheet HTML 5Page - National Semiconductor (TI) LM1972 Datasheet HTML 6Page - National Semiconductor (TI) LM1972 Datasheet HTML 7Page - National Semiconductor (TI) LM1972 Datasheet HTML 8Page - National Semiconductor (TI) LM1972 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Typical Performance Characteristics
Supply Current vs
Supply Voltage
DS011978-15
Supply Current vs
Temperature
DS011978-16
Noise Floor Spectrum by FFT
Amplitude vs Frequency
DS011978-17
THD vs Freq by FFT
V
DD −VSS = 12V
DS011978-18
THD vs V
OUT at
1 KHz by FFT
V
DD −VSS = 12V
DS011978-19
Crosstalk Test
DS011978-20
THD+Nvs
Frequency and Amplitude
DS011978-21
FFT of 1 kHz THD
DS011978-22
FFT of 20 kHz THD
DS011978-23
www.national.com
4


Similar Part No. - LM1972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1972 TI1-LM1972 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972 TI1-LM1972 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
LM1972M TI1-LM1972M Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972M TI1-LM1972M Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
LM1972M/NOPB TI1-LM1972M/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
More results

Similar Description - LM1972

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1972 TI1-LM1972_14 Datasheet
1,016Kb / 21P
[Old version datasheet]   LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com