Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP0202T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TP0202T
Description  P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0202T Datasheet(HTML) 2 Page - Vishay Siliconix

  TP0202T Datasheet HTML 1Page - Vishay Siliconix TP0202T Datasheet HTML 2Page - Vishay Siliconix TP0202T Datasheet HTML 3Page - Vishay Siliconix TP0202T Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TP0202T
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70208
S-04279—Rev. G, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 mA
–20
–25
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –0.25 mA
–1.3
–2.1
–3
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = –16 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
TJ = 55_C
–10
mA
On-State Drain Currentb
ID(on)
VDS = –10 V, VGS = –10 V
–0.5
–0.75
A
VGS = –4.5 V, ID = –0.05 A
1.7
3.5
W
Drain-Source On-Resistanceb
rDS(on)
VGS = –10 V, ID = –0.2 A
0.9
1.4
W
Forward Transconductanceb
gfs
VDS = –10 V, ID = –0.2 A
250
600
mS
Diode Forward Voltage
VSD
IS = –0.25 A, VGS = 0 V
–0.9
–1.5
V
Dynamic
Total Gate Charge
Qg
2700
Gate-Source Charge
Qgs
VDS –16 V, VGS =–10 V, ID ^ –200 mA
500
pC
Gate-Drain Charge
Qgd
600
Input Capacitance
Ciss
55
Output Capacitance
Coss
VDS = –15 V, VGS = 0 V, f = 1 MHz
50
pF
Reverse Transfer Capacitance
Crss
18
Switchingc
td(on)
8
12
Turn-On Time
tr
VDD = –15 V, RL = 75 W
^
20
30
td(off)
ID ^ –0.2 A, VGEN = –10 V
RG = 6 W
20
35
ns
Turn-Off Time
tf
30
40
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VPBP02
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.


Similar Part No. - TP0202T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TP0202T-T1-E3 VBSEMI-TP0202T-T1-E3 Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - TP0202T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com