Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C31X2-ELAB Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TS80C31X2-ELAB
Description  8-bit CMOS Microcontroller ROMless
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C31X2-ELAB Datasheet(HTML) 5 Page - ATMEL Corporation

  TS80C31X2-ELAB Datasheet HTML 1Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 2Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 3Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 4Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 5Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 6Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 7Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 8Page - ATMEL Corporation TS80C31X2-ELAB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
Rev. C - 15 January, 2001
5
TS80C31X2
Table 2. Pin Description for 40/44 pin packages
MNEMONIC
PIN NUMBER
TYPE
NAME AND FUNCTION
DIL
LCC
VQFP 1.4
VSS
20
22
16
I
Ground: 0V reference
Vss1
1
39
I
Optional Ground: Contact the Sales Office for ground connection.
VCC
40
44
38
I
Power Supply: This is the power supply voltage for normal, idle and power-
down operation
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that have 1s
written to them float and can be used as high impedance inputs. Port 0 pins must
be polarized to Vcc or Vss in order to prevent any parasitic current consumption.
Port 0 is also the multiplexed low-order address and data bus during access to
external program and data memory. In this application, it uses strong internal
pull-up when emitting 1s.
P1.0-P1.7
1-8
2-9
40-44
1-3
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 1 pins that are externally pulled low will
source current because of the internal pull-ups.
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal pull-ups. Port 2
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 2 pins that are externally pulled low will
source current because of the internal pull-ups. Port 2 emits the high-order address
byte during fetches from external program memory and during accesses to external
data memory that use 16-bit addresses (MOVX @DPTR).In this application, it
uses strong internal pull-ups emitting 1s. During accesses to external data memory
that use 8-bit addresses (MOVX @Ri), port 2 emits the contents of the P2 SFR.
P3.0-P3.7
10-17
11,
13-19
5,
7-13
I/O
Port 3: Port 3 is an 8-bit bidirectional I/O port with internal pull-ups. Port 3
pins that have 1s written to them are pulled high by the internal pull-ups and
can be used as inputs. As inputs, Port 3 pins that are externally pulled low will
source current because of the internal pull-ups. Port 3 also serves the special
features of the 80C51 family, as listed below.
10
11
5
I
RXD (P3.0): Serial input port
11
13
7
O
TXD (P3.1): Serial output port
12
14
8
I
INT0 (P3.2): External interrupt 0
13
15
9
I
INT1 (P3.3): External interrupt 1
14
16
10
I
T0 (P3.4): Timer 0 external input
15
17
11
I
T1 (P3.5): Timer 1 external input
16
18
12
O
WR (P3.6): External data memory write strobe
17
19
13
O
RD (P3.7): External data memory read strobe
Reset
9
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running,
resets the device. An internal diffused resistor to VSS permits a power-on reset
using only an external capacitor to VCC.
ALE
30
33
27
O (I)
Address Latch Enable: Output pulse for latching the low byte of the address
during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used
for external timing or clocking. Note that one ALE pulse is skipped during each
access to external data memory.
PSEN
29
32
26
O
Program Store ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access
to external data memory. PSEN is not activated during fetches from internal
program memory.
EA
31
35
29
I
External Access Enable: EA must be externally held low to enable the device
to fetch code from external program memory locations.
XTAL1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input to the internal
clock generator circuits.
XTAL2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier


Similar Part No. - TS80C31X2-ELAB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2-LCA ATMEL-TS80C31X2-LCA Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
TEMIC Semiconductors
TS80C31X2-LCAB TEMIC-TS80C31X2-LCAB Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-LCAD TEMIC-TS80C31X2-LCAD Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2-LCAR TEMIC-TS80C31X2-LCAR Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
logo
ATMEL Corporation
TS80C31X2-LCB ATMEL-TS80C31X2-LCB Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results

Similar Description - TS80C31X2-ELAB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
logo
ATMEL Corporation
80C32E ATMEL-80C32E Datasheet
298Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
AIMTEC
80C32E AIMTEC-80C32E_03 Datasheet
206Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
ATMEL Corporation
80C32E ATMEL-80C32E_07 Datasheet
284Kb / 20P
   Rad. Tolerant 8-bit ROMless Microcontroller
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com