Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ0300IUXX Datasheet(PDF) 9 Page - SynQor Worldwide Headquarters

Part # AQ0300IUXX
Description  Semi-regulated output for bus stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ0300IUXX Datasheet(HTML) 9 Page - SynQor Worldwide Headquarters

Back Button AQ0300IUXX Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 11Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 12Page - SynQor Worldwide Headquarters AQ0300IUXX Datasheet HTML 13Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Product # AQ0300IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005051 Rev. D
09/14/15
Page 9
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 300 W
Grade: Industrial
MECHANICAL DRAWINGS
Technical Specification
6-32 SELF-CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE .200” INTO THE CHASSIS
(4 PIECES)
6-32 SELF-CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE 3/8” INTO THE CHASSIS
(4 PIECES)
3.04
[77.1]
4.91
[124.7]
4.85
[123.2]
.17
[4.3]
.20
[5.1]
.23
[5.9]
.61
[15.4]
1.59
[40.5]
.71
[18]
2.30
[58.5]
1.31 [33.1]
3.50
[88.9]
5.25
[133.4]
3.03
[76.8]
.38
[9.5]
1.05
[26.7]
2.65
[67.2]
3.25
[82.6]
INPUT
INPUT
1.75
[44.5]
(2 Modules Stacked Version - S Package Type)


Similar Part No. - AQ0300IUXX

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
More results

Similar Description - AQ0300IUXX

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0300IUXT SYNQOR-AQ0300IUXT Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
logo
Total Power Internation...
MA01 TOTAL-POWER-MA01 Datasheet
658Kb / 4P
   Semi-regulated Output Voltage
MA01H TOTAL-POWER-MA01H Datasheet
655Kb / 4P
   Semi-regulated Output Voltage
logo
Sanyo Semicon Device
STK730-020 SANYO-STK730-020 Datasheet
127Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (145W Output)?
STK730-080 SANYO-STK730-080 Datasheet
98Kb / 4P
   Self-Excitation Type Semi-Regulated Switching Regulator (210W Output)?
STK730-010 SANYO-STK730-010 Datasheet
126Kb / 6P
   Self-Excitation Type Semi-Regulated Switching Regulator (110W Output)
logo
GAPTEC Electronic GmbH ...
3S7A-1U GAPTEC-3S7A-1U Datasheet
804Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
3S7B-3UP GAPTEC-3S7B-3UP Datasheet
374Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
logo
Texas Instruments
PTQB425080 TI-PTQB425080 Datasheet
445Kb / 14P
[Old version datasheet]   200-W 48-V INPUT, 8-V OUTPUT, SEMI-REGULATED, ISOLATED DC-DC BUS CONVERTER
logo
GAPTEC Electronic GmbH ...
3S7B GAPTEC-3S7B Datasheet
789Kb / 3P
   3W Single/Dual Output - Fixed Input - Isolated & Semi-regulated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com