Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ-CBL-INPUT1C Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-INPUT1C
Description  Integral fan cooling with speed control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-INPUT1C Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  AQ-CBL-INPUT1C Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1C Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Product # AQ0500IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005054 Rev. E
09/14/15
Page 4
AC Input:85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power:500 W
Grade:Industrial
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
Output Power (W)
115 Vrms
230 Vrms
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
Ambient / Case Temperature (ºC)
24 / 36 / 48 V with Fan Enabled
12 V with Fan Enabled
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
Case Temperature (ºC)
24 / 36 / 48 V, VIN≥ 105 Vrms
12 V, VIN≥ 105 Vrms
24 / 36 / 48 V, VIN = 85 Vrms
12 V, VIN = 85 Vrms
Continuous
10.5
11.0
11.5
12.0
12.5
13.0
13.5
0
6
12
18
24
30
36
42
48
54
60
Output Load (A)
44
50
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
85
105
132 150
170
210
264
0
100
200
300
400
500
600
700
800
Input AC Voltage (VRMS)
Transient (12 V Out)
Continuous (12 V Out)
85
132
170
264
0
100
200
300
400
500
600
700
800
Input AC Voltage (VRMS)
Transient (24/36/48 V Out)
Continuous (24/36/48 V Out)
Technical Specification
Figure 7: 48 V
OUT efficiency curves.
Figure 8: 48 V
OUT droop characteristic.
Figure 9: Continuous power derating curve in natural convection.
For Fan Disabled, see Figure 10
Figure 10: Fan Disabled continuous power derating curve in natural
convection
Figure 11: Rated output power vs Input AC Voltage.
Figure 12: Rated output power vs Input AC Voltage.


Similar Part No. - AQ-CBL-INPUT1C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-INPUT1C SYNQOR-AQ-CBL-INPUT1C Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-INPUT1C SYNQOR-AQ-CBL-INPUT1C Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-INPUT1C SYNQOR-AQ-CBL-INPUT1C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-INPUT1C SYNQOR-AQ-CBL-INPUT1C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-INPUT1C SYNQOR-AQ-CBL-INPUT1C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-INPUT1C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com