Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ-CBL-INPUT1CG Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-INPUT1CG
Description  Integral fan cooling with speed control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-INPUT1CG Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

  AQ-CBL-INPUT1CG Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-INPUT1CG Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product # AQ0800IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-0005745 Rev. E
10/01/15
Page 6
AC Input: 85-264Vrms
DC Output: 12/15/24/28/48V
Power: 800W
Grade: Industrial
NOTES
1. Recommended screw tightening torque of 6in.. lbs.
2. Undimensioned components are shown for visual reference only
3. All dimensions in inches [mm]
Tolerances: x.xx in ± 0.02
x.xxx in ± 0.010
MECHANICAL DRAWINGS
4.30
[109,2]
2.28 [57,8 ]
4.75 [120,7]
.75
[19,1 ]
6.63
[168,3]
.16
[4,1 ]
.25 [6,4 ]
.20 [5,1 ]
4.25 [108 ]
6.60
[167,6]
PLASTIC RIVET OD.
.19
4,8
[
]
7.00
[177,8]
6-32 SELF CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE 3/8" INTO THE CHASSIS
x4
1.03 .04
[26,1 1 ]
.62 .03
[15,8 0,7]
1.31 .03 [33,3 0,7]
OUTPUT POWER PIN 1
.51 .03
[13 0,7]
3.47 .03 [88,2 0,7]
OUTPUT DATA PIN 1
.89 .03 [ 22,5 0,7]
INPUT PIN 1
FRONT VIEW
BACK VIEW
1.63
[41,3]
4.84 [123 ]


Similar Part No. - AQ-CBL-INPUT1CG

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-INPUT1CG SYNQOR-AQ-CBL-INPUT1CG Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
AQ-CBL-INPUT1CG SYNQOR-AQ-CBL-INPUT1CG Datasheet
2Mb / 8P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-INPUT1CG

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXX SYNQOR-AQ0500IUXX Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com