Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ-CBL-OUT2C Datasheet(PDF) 4 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT2C
Description  Parallel operation supported
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT2C Datasheet(HTML) 4 Page - SynQor Worldwide Headquarters

  AQ-CBL-OUT2C Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-CBL-OUT2C Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product # AQ0400IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005052 Rev. C
08/24/15
Page 4
AC Input: 85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power: 400 W
Grade: Industrial
65
70
75
80
85
90
95
100
0
100
200
300
400
500
Output Power (W)
115 Vrms
230 Vrms
0
100
200
300
400
500
0
10
20
30
40
50
60
70
80
Ambient Temperature (ºC)
24 / 36 / 48 V with Fan Enabled
12 V with Fan Enabled
24 / 36 / 48 V with Fan Disabled
12 V with Fan Disabled
85
132
170
264
0
100
200
300
400
500
600
Input AC Voltage (VRMS)
Transient
Continuous
42
44
46
48
50
52
54
0
1
2
3
4
5
6
7
8
9
Output Load (A)
EFFICIENCY, DERATING, AND VOUT DROOP CURVES
Technical Specification
Figure 7: 48 V
OUT efficiency curves.
Figure 8: 48 V
OUT droop characteristic.
Figure 9: Continuous power derating curve in natural convection
Figure 10: Rated output power vs Input AC Voltage


Similar Part No. - AQ-CBL-OUT2C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
4Mb / 14P
   Parallel operation supported
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ-CBL-OUT2C SYNQOR-AQ-CBL-OUT2C Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT2C

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ0400IUXT SYNQOR-AQ0400IUXT Datasheet
4Mb / 14P
   Parallel operation supported
logo
Sanyo Semicon Device
STK672-040 SANYO-STK672-040 Datasheet
1Mb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 1.5A)
STK672-050 SANYO-STK672-050 Datasheet
218Kb / 11P
   Microstep Operation-Supported 4-Phase Stepping Motor Driver (Io= 3.0A)
logo
Axiomtek Co., Ltd.
MANO860 AXIOMTEK-MANO860 Datasheet
261Kb / 1P
   iAMT supported
SBC81210 AXIOMTEK-SBC81210 Datasheet
166Kb / 1P
   DisplayPort supported
IMB206 AXIOMTEK-IMB206 Datasheet
218Kb / 1P
   TPM supported
logo
AAEON Technology
FWS-7821 AAEON-FWS-7821 Datasheet
407Kb / 2P
   TPM Supported (Optional Request), RAID 0,1 Supported
logo
Axiomtek Co., Ltd.
SHB103 AXIOMTEK-SHB103 Datasheet
158Kb / 1P
   DisplayPort supported
logo
Maxim Integrated Produc...
MAX14900DEVBRD MAXIM-MAX14900DEVBRD Datasheet
713Kb / 17P
   Stand-Alone Operation in Parallel Mode
Rev 0; 5/15
logo
Bel Fuse Inc.
PET1300-12-0540A BEL-PET1300-12-0540A Datasheet
1Mb / 22P
   Parallel operation with active current sharing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com