Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ-CBL-OUT1CDG Datasheet(PDF) 6 Page - SynQor Worldwide Headquarters

Part # AQ-CBL-OUT1CDG
Description  Active PFC; EN61000-3-2 compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-CBL-OUT1CDG Datasheet(HTML) 6 Page - SynQor Worldwide Headquarters

  AQ-CBL-OUT1CDG Datasheet HTML 1Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 2Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 3Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-CBL-OUT1CDG Datasheet HTML 8Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Product # AQ1100IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-0005978 Rev. E
10/01/15
Page 6
AC Input: 85-264Vrms
DC Output: 12/15/24/28/48V
Power: 1100W
Grade: Industrial
NOTES
1. Recommended screw tightening torque of 6in.. lbs.
2. Undimensioned components are shown for visual reference only
3. All dimensions in inches [mm]
Tolerances: x.xx in ± 0.02
x.xxx in ± 0.010
MECHANICAL DRAWINGS
4.30
[109,2]
2.28 [57,8 ]
4.75 [120,7]
.75
[19,1 ]
6.63
[168,3]
.16
[4,1 ]
.25 [6,4 ]
.20 [5,1 ]
4.25 [108 ]
6.60
[167,6]
PLASTIC RIVET OD.
.19
4,8
[
]
7.00
[177,8]
6-32 SELF CLINCHING INSERT
MOUNTING SCREW SHALL NOT
PROTRUDE 3/8" INTO THE CHASSIS
x4
1.03 .04
[26,1 1 ]
.62 .03
[15,8 0,7]
1.31 .03 [33,3 0,7]
OUTPUT POWER PIN 1
.51 .03
[13 0,7]
3.47 .03 [88,2 0,7]
OUTPUT DATA PIN 1
.89 .03 [ 22,5 0,7]
INPUT PIN 1
FRONT VIEW
BACK VIEW
1.63
[41,3]
4.84 [123 ]


Similar Part No. - AQ-CBL-OUT1CDG

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-CBL-OUT1CDG SYNQOR-AQ-CBL-OUT1CDG Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ-CBL-OUT1CDG SYNQOR-AQ-CBL-OUT1CDG Datasheet
2Mb / 8P
   Integral fan cooling with speed control
More results

Similar Description - AQ-CBL-OUT1CDG

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL_09 Datasheet
1Mb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL Datasheet
443Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Artesyn Technologies
LPS100-M ARTESYN-LPS100-M Datasheet
678Kb / 3P
   EN61000-3-2 compliant
logo
Sparkle Power Inc.
FSP250-60FAG SPI-FSP250-60FAG Datasheet
38Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP250-70PFU SPI-FSP250-70PFU Datasheet
40Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP300-60UAP SPI-FSP300-60UAP Datasheet
98Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com