Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQ-INSUL1M Datasheet(PDF) 10 Page - SynQor Worldwide Headquarters

Part # AQ-INSUL1M
Description  Integral fan cooling with speed control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

AQ-INSUL1M Datasheet(HTML) 10 Page - SynQor Worldwide Headquarters

Back Button AQ-INSUL1M Datasheet HTML 4Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 5Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 6Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 7Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 8Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 9Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 10Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 11Page - SynQor Worldwide Headquarters AQ-INSUL1M Datasheet HTML 12Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Product # AQ0500IUxx
Phone 1-888-567-9596
www.SynQor.com
Doc.# 005-005054 Rev. E
09/14/15
Page 10
AC Input:85-264 Vrms
DC Output: 12/24/36/48 V Semi-reg.
Power:500 W
Grade:Industrial
Technical Specification
Chassis configurations for Parallel Units
ACuQor units are available either open-frame or pre-mounted
at the factory. Up to 3 units can be mounted into a chassis, in
either side-by-side or stacked configurations. For a complete list of
options, see the “Part Numbering System” table on the last page,
under “Package Type”, along with the Mechanical Drawings pages.
Only side-by-side configurations can be populated with 500W units,
since each includes a thermal pad underneath.
Interconnection of Parallel Units
ACuQor units mounted in 2 and 3 unit chassis are not connected
together. This allows the physical routing and connectivity of the
external wiring to be customized to each application. The following
table summarizes the recommended wiring to operate multiple units
in parallel:
Specifications of Parallel Units
As a rule, units wired in parallel behave the same as single units.
Any specification will remain unchanged that is expressed in units
of voltage, time, frequency, or efficiency. Specifications expressed
in terms of power, current, or capacitance, should be scaled by the
number of units wired in parallel.
ACuQor units are individually calibrated at the factory, so that the
output voltage vs. output current characteristic is always consistent
(see Vout droop characteristic figures). As such, multiple units will
share output current accurately. Full current is guaranteed from a
bank of multiple units wired in parallel.
PARALLEL OPERATION - MULTIPLE UNITS
Output Connector Signal
Suggested Connection
Behavior with Multiple Units
REMOTE_ENABLE
Wire in parallel
Inputs activated simultaneously
FAN_GOOD
Wired-OR outputs – can be pulled low by any unit during an abnormal condition.
AC_POWER_GOOD
DC_POWER_GOOD
VOUT(+), VOUT(-)
Built-in droop characteristic ensures graceful current sharing.
12V_STANDBY*
5V_STANDBY
Do not wire in parallel
Fully regulated characteristic does not support current sharing. If placed in
parallel, only the output with the highest set-point will drive current.
*Note: Triple output models only.


Similar Part No. - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Semi-regulated output for bus stability
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 14P
   Semi-regulated output for bus stability
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
4Mb / 14P
   Parallel operation supported
AQ-INSUL1M SYNQOR-AQ-INSUL1M Datasheet
3Mb / 12P
   Integral fan cooling with speed control
More results

Similar Description - AQ-INSUL1M

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
AQ1400IUXX SYNQOR-AQ1400IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
AQ0500IUXT SYNQOR-AQ0500IUXT Datasheet
3Mb / 12P
   Integral fan cooling with speed control
AQ0800IUXX SYNQOR-AQ0800IUXX Datasheet
2Mb / 8P
   Integral fan cooling with speed control
logo
Hongfa Technology
HF3615 HONGFA-HF3615 Datasheet
190Kb / 3P
   COOLING FAN CONTROL MODULE
logo
Silicon Touch Technolog...
FC122 SITI-FC122 Datasheet
275Kb / 10P
   Fan Speed Control IC
logo
Maxim Integrated Produc...
MAX6643LBEVKIT MAXIM-MAX6643LBEVKIT Datasheet
110Kb / 7P
   Automatic Fan-Speed Control
2005
logo
ORION FANS
OA11-22 ORIONFANS-OA11-22 Datasheet
68Kb / 1P
   AC Fan Speed Control Unit
logo
Feature Integration Tec...
F75377 FINTEK-F75377 Datasheet
1Mb / 66P
   H/W Monitor IC with Automatic Fan Speed Control
F75363 FINTEK-F75363 Datasheet
773Kb / 25P
   짹1oC Accuracy Temperature Sensor IC with Fan Speed Control
logo
ON Semiconductor
LB8503V ONSEMI-LB8503V Datasheet
169Kb / 20P
   DC Fan Motor Speed Control IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com