Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ35211EEC60 Datasheet(PDF) 11 Page - SynQor Worldwide Headquarters

Part # BQ35211EEC60
Description  Extended Eighth-brick package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ35211EEC60 Datasheet(HTML) 11 Page - SynQor Worldwide Headquarters

Back Button BQ35211EEC60 Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 9Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 10Page - SynQor Worldwide Headquarters BQ35211EEC60 Datasheet HTML 11Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product # BQ35211EEC60
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006545 Rev. A
02/06/14
Page 11
Input:
330-365V
Output:
11V
Current:
60A
Package:
EXT-Eighth Brick
Ordering Information
Part Numbering System
The part numbering system for SynQor’s dc-dc converters follows the format
shown in the example below.
The first 12 characters comprise the base part number and the last 3
characters indicate available options. The “-G” suffix indicates 6/6 RoHS
compliance.
Application Notes
A variety of application notes and technical white papers can be downloaded
in pdf format from our website.
RoHS Compliance: The EU led RoHS (Restriction of Hazardous
Substances) Directive bans the use of Lead, Cadmium, Hexavalent
Chromium, Mercury, Polybrominated Biphenyls (PBB), and Polybrominated
Diphenyl Ether (PBDE) in Electrical and Electronic Equipment. This SynQor
product is 6/6 RoHS compliant. For more information please refer to
SynQor’s RoHS addendum available at our RoHS Compliance / Lead Free
Initiative web page or e-mail us at rohs@synqor.com.
Ordering Information
The tables below show the valid model numbers and ordering options for
converters in this product family. When ordering SynQor converters, please
ensure that you use the complete 15 character part number consisting of
the 12 character base part number and the additional characters for options.
Add “-G” to the model number for 6/6 RoHS compliance.
The following options must be included in place of the
w x y z spaces in the
model numbers listed above.
Not all combinations make valid part numbers, please contact SynQor for
availability.
Warranty
SynQor offers a three (3) year limited warranty. Complete warranty
information is listed on our website or is available upon request from
SynQor.
Information furnished by SynQor is believed to be accurate and reliable.
However, no responsibility is assumed by SynQor for its use, nor for any
infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any
patent or patent rights of SynQor.
Product Family
Extended Package Size
Thermal Design
Output Current
6/6 RoHS
Options (see
Ordering Information)
Input Voltage
Output Voltage
Contact SynQor for further information and to order:
Phone:
978-849-0600
Toll Free: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155 Swanson Road
Boxborough, MA 01719
USA
BQ 352 11 EE
C 60 N R S - G
Ordering Information
Model Number
Input Voltage
Output
Voltage
Max Output
Current
BQ35211EEC60xyz-G
330-365V
11V
60A
Options Description: w x y z
Thermal Design
Enable Logic
Pin Style
Feature Set
ENCASED
N - Negative
K - 0.110"
N - 0.145"
R - 0.180"
Y - 0.250"
S - Standard
PATENTS
SynQor holds the following U.S. patents, one or more of which apply to
each product listed in this document. Additional patent applications may
be pending or filed in the future.
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
7,558,083
7,564,702
7,765,687
7,787,261
8,023,290
8,149,597
8,493,751


Similar Part No. - BQ35211EEC60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ35100PW TI1-BQ35100PW Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
BQ35100PWR TI1-BQ35100PWR Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
More results

Similar Description - BQ35211EEC60

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
logo
Ericsson
PKB4711PINBM ERICSSON-PKB4711PINBM Datasheet
1Mb / 46P
   Industry standard Eighth-brick
logo
Artesyn Technologies
AVO250-48S28PB-6L ARTESYN-AVO250-48S28PB-6L Datasheet
929Kb / 23P
   250 Watts Eighth-brick Converter
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
logo
Bel Fuse Inc.
SQE48T40015 BEL-SQE48T40015 Datasheet
1Mb / 13P
   Industry-standard eighth-brick pinout
logo
SynQor Worldwide Headqu...
BQ55120ETL16 SYNQOR-BQ55120ETL16 Datasheet
577Kb / 13P
   Eighth-brick DC Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com