Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ55090EZB48xyz-G Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # BQ55090EZB48xyz-G
Description  Industry standard quarter-brick pin-out configuration
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

BQ55090EZB48xyz-G Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  BQ55090EZB48xyz-G Datasheet HTML 1Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 2Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 3Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 4Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 5Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 6Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 7Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 8Page - SynQor Worldwide Headquarters BQ55090EZB48xyz-G Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Product # BQ55090EZB48
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-0006251 Rev. C
02/17/16
Page 1
Technical
Specification
BQ55090EZB48
Contents
®
Operational Features
• High efficiency, 97.1% at full rated load current
• Delivers 48A full power with minimal derating - no heatsink required
• Operating input voltage range: 35-55V
• Fixed frequency switching provides predictable EMI
• No minimum load requirement
Protection Features
• Input under-voltage lockout and over-voltage shutdown protects
against abnormal input voltages
• Output current limit and short circuit protection (auto recovery)
• Output over-voltage protection
• Thermal shutdown
BQ55090EZB48 Model
Mechanical Features
• Industry standard quarter-brick pin-out configuration
• Size: 0.96 x 2.3” (24.4x58.4mm), height: 0.539" (13.69mm)
• Total Baseplate weight: 1.69 oz (47.9 g)
The BusQor® BQ55090EZx48 bus converter is a next-
generation, board-mountable, isolated, fixed switching
frequency dc/dc converter that uses synchronous
rectification to achieve extremely high conversion
efficiency. The BusQor series provides an isolated step
down voltage from 48V to 12 or 9.6V intermediate
bus with no regulation in a standard “eighth-brick”
module. BusQor converters are ideal for creating the
mid-bus voltage required to drive point-of-load (non-
isolated) converters in intermediate bus architectures.
Safety Features
• UL 60950-1:2007/R:2011-12
• EN 60950-1:2006/A2:2013
• CAN/CSA C22.2 No. 60950-1:2007/A1:2011
Control Features
• On/Off control referenced to input side
(positive and negative logic options are available)
• Inherent current share (by droop method) for high current and
parallel applications.
35-55V
9.6V
48A
2000V dc
Eighth-brick
Continuous Input
Output
Current
Isolation
DC-DC Converter
Page No.
Electrical Characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
Standards Compliance & Qualification Testing . . . . . . . . . . . . . . . . . . . 5
Technical Figures. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Applications Section. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13


Similar Part No. - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ55090ETA27 SYNQOR-BQ55090ETA27 Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NKS SYNQOR-BQ55090ETA27NKS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NNS SYNQOR-BQ55090ETA27NNS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NRS SYNQOR-BQ55090ETA27NRS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
BQ55090ETA27NYS SYNQOR-BQ55090ETA27NYS Datasheet
596Kb / 13P
   Eighth-brick DC Bus Converter
More results

Similar Description - BQ55090EZB48xyz-G

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
BQ57120QEX50 SYNQOR-BQ57120QEX50 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
BQ57090EZB48 SYNQOR-BQ57090EZB48 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120EZB38 SYNQOR-BQ55120EZB38 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ55120QZB67 SYNQOR-BQ55120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57120QZB67 SYNQOR-BQ57120QZB67 Datasheet
2Mb / 13P
   Industry standard quarter-brick pin-out configuration
BQ57090QEX60 SYNQOR-BQ57090QEX60 Datasheet
2Mb / 14P
   Industry standard quarter-brick pin-out configuration
PQ60050SMX10 SYNQOR-PQ60050SMX10 Datasheet
1Mb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60018SMX25 SYNQOR-PQ60018SMX25 Datasheet
824Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60025SMX20 SYNQOR-PQ60025SMX20 Datasheet
908Kb / 15P
   Industry standard sixteenth-brick pin-out configuration
PQ60010EML15 SYNQOR-PQ60010EML15 Datasheet
529Kb / 13P
   Industry standard eighth-brick pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com